Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-70 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # SC-70
Description  3L TAPE AND REEL DATA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

SC-70 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  SC-70 Datasheet HTML 1Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SC-70

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
SC-70 ELM-TECH-SC-70 Datasheet
574Kb / 1P
Package, Reel, Taping
logo
Analog Microelectronics
SC-70-3 AME-SC-70-3 Datasheet
37Kb / 1P
Carrier Width (W) 8.0-0.1 mm Pitch (P) 4.0-0.1 mm
SC-70-3 AME-SC-70-3 Datasheet
89Kb / 1P
A : MIN 0.80 MAX 1.10 A1 : MIN 0.00 MAX .010
SC-70-4 AME-SC-70-4 Datasheet
43Kb / 1P
Carrier Width (W) 8.0-0.1 mm Pitch (P) 4.0-0.1 mm
SC-70-4 AME-SC-70-4 Datasheet
73Kb / 1P
A : MIN 0.900 MAX 1.100 A1 : MIN 0.000 MAX 0.100
More results

Similar Description - SC-70

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
84068 VISHAY-84068 Datasheet
374Kb / 5P
Tape and Reel Standards
07-Jan-03
logo
Texas Instruments
TPS51610IRHBR TI1-TPS51610IRHBR Datasheet
905Kb / 13P
TAPE AND REEL INFORMATION
logo
Fairchild Semiconductor
FQD13N10TF FAIRCHILD-FQD13N10TF Datasheet
412Kb / 2P
D-PAK Tape and Reel Data
logo
Analog Devices
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
Tape and Reel Packaging
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
Tape and Reel Packaging
logo
Connor-Winfield Corpora...
DV75D CONNOR-WINFIELD-DV75D Datasheet
426Kb / 2P
Tape and Reel Packaging
logo
Anaren Microwave
1D1304-3 ANAREN-1D1304-3 Datasheet
343Kb / 2P
Tape And Reel
X3DC07P1S ANAREN-X3DC07P1S Datasheet
455Kb / 6P
Tape and Reel
X3DC21P1S ANAREN-X3DC21P1S Datasheet
467Kb / 6P
Tape and Reel
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
Tape and reel packaging
09-May-2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com