Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LK112M Datasheet(PDF) 2 Page - STMicroelectronics

Part # LK112M
Description  LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LK112M Datasheet(HTML) 2 Page - STMicroelectronics

  LK112M Datasheet HTML 1Page - STMicroelectronics LK112M Datasheet HTML 2Page - STMicroelectronics LK112M Datasheet HTML 3Page - STMicroelectronics LK112M Datasheet HTML 4Page - STMicroelectronics LK112M Datasheet HTML 5Page - STMicroelectronics LK112M Datasheet HTML 6Page - STMicroelectronics LK112M Datasheet HTML 7Page - STMicroelectronics LK112M Datasheet HTML 8Page - STMicroelectronics LK112M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LK112 SERIES
2/12
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
CONNECTION DIAGRAM (top view)
PIN DESCRIPTION
Symbol
Parameter²
Value
Unit
VI
DC Input Voltage
16
V
VSHDN
Shutdown Input Voltage
16
V
IO
Output Current
Internally limited
Tstg
Storage Temperature Range
-55 to +150
°C
Top
Operating Junction Temperature Range
-30 to +125
°C
Symbol
Parameter
SOT23-5L
Unit
Rthj-case Thermal Resistance Junction-case
81
°C/W
Rthj-amb Thermal Resistance Junction-ambient
255
°C/W
SOT23-5L
Pin N° Symbol
Name and Function
1
SHDN
Shutdown Input: Disables the
regulator when is connected to GND
or to positive voltage less than 0.6V
2
GND
Ground Pin: Internally connected to
the die attach flag to decrease the
total thermal resistance and increase
the package ability to dissipate
power.
3
Bypass Bypass Pin: Bypass with 0.1
µF to
improve the Vref thermal noise
performances.
4
OUT
Output Port
5
IN
Input Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com