Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS404M Datasheet(PDF) 3 Page - STMicroelectronics

Part # LS404M
Description  HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS404M Datasheet(HTML) 3 Page - STMicroelectronics

  LS404M Datasheet HTML 1Page - STMicroelectronics LS404M Datasheet HTML 2Page - STMicroelectronics LS404M Datasheet HTML 3Page - STMicroelectronics LS404M Datasheet HTML 4Page - STMicroelectronics LS404M Datasheet HTML 5Page - STMicroelectronics LS404M Datasheet HTML 6Page - STMicroelectronics LS404M Datasheet HTML 7Page - STMicroelectronics LS404M Datasheet HTML 8Page - STMicroelectronics LS404M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS (VCC =
±15V, Tamb = 25oC, unless otherwise specified)
Symbol
Parameter
Test Conditions
LS404I - LM401M
LS404C
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
ICC
Supply Current
1.3
2
1.5
3
mA
Iib
Input Bias Current
50
200
100
300
nA
Ri
Input Resistance
f = 1kHz
1
1
M
Ω
Vio
Input Offset Voltage
Rs
≤ 10kΩ
0.7
2.5
0.5
5
mV
DVio
Input Offset Voltage Drift
Rs
≤ 10kΩ
Tmin.< Top <Tmax.5
5
µV/oC
Iio
Input Offset Current
10
40
20
80
nA
DIio
Input Offset Current Drift
Tmin.< Top <Tmax.
0.08
0.1
nA
°C
Ios
Output Short Circuit Current
23
23
mA
Avd
Large Signal Voltage Gain
RL =2k
Ω VCC = ±15V
VCC =
±4V
90
100
95
86
100
95
dB
GBP
Gain-Bandwidth Product
f = 100kHz RL =2k
CL = 100pF
1.8
3
1.5
2.5
MHz
en
Equivalent Input Noise Voltage
f = 1kHz
Rs =50
Ω
Rs =1k
Ω
Rs = 10k
Ω
8
10
18
15
10
12
20
nV
√
Hz
THD
Total Harmonic Distortion
Unity Gain
RL =2k
Ω,Vo =2Vpp
f = 1kHz
f = 20kHz
0.01
0.03
0.4
0.01
0.03
%
±Vopp
Output Voltage Swing
RL =2k
Ω VCC = ±15V
VCC =
±4V
±13
±3
±13
±3
V
Vopp
Large Signal Voltage Swing
f = 10kHz RL = 10k
Ω
RL =1k
Ω
22
20
22
20
VPP
SR
Slew Rate
Unity Gain, RL =2k
Ω
0.8
1.5
1
V/
µs
CMR
Common Mode Rejection Ratio
Vic = 10V
90
94
80
90
dB
SVR
Supply Voltage Rejection Ratio
Vic = 1V
f = 100Hz
90
94
86
90
dB
VO1/VO2 Channel Separation
f = 1kHz
100
120
120
dB
LS404
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com