Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDTM-610-RTR Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SDTM-610-RTR
Description  SMD Tact Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDTM-610-RTR Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SDTM-610-RTR Datasheet HTML 1Page - Bourns Electronic Solutions SDTM-610-RTR Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SDTM Series SMD Tact Switch
SDTM-610/620/630/644/648/650(TR)
16.00 +0.30/-0.10
(.630 + .012/-.004)
12.00 ± 0.10
(.472 ± .004)
2.0 ± 0.10
(.079 ± .004)
4.00 ± 0.10
(.157 ± .004)
1.50 +0.25/-0.00
(.059 +.010/-0.00)
1.50 + 0.10/-0.00
(.059 + .004/-0.00)
DIA.
DIA.
Packaging Specifications
DIMENSIONS:
MM
(IN)
TOLERANCES:
EXCEPT WHERE NOTED.
0.2
(.008)
6.5
(.256)
1.8
(.071)
1.8
(.071)
2.6
(.102)
0.5
(.020)
R
1.0
(.039)
R
A
9.4
(.370)
7.5
(.295)
6.0 ± 0.5
(.236 ± .020)
10.6 ± 0.1
(.417 ± .004)
SDTM-610/620/630/644/648/650/660(TUBE)
MODEL NO.
DIM. A
SDTM-630, 644, 648
10.40
(.409)
SDTM-650, 660
15.9 ± 0.1
(.626 ± .004)
SDTM-610, 620
5.5
(.217)
REV. 08/06
Reflow Soldering Profile
Time (Seconds)
MAX. 260 °C
255 °C
230 °C
150 °C
120~150 Seconds
Room Temperature
60 Seconds
5~10 Seconds



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com