Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC809LU Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC809LU
Description  Microprocessor Reset Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC809LU Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC809LU Datasheet HTML 1Page - Micrel Semiconductor MIC809LU Datasheet HTML 2Page - Micrel Semiconductor MIC809LU Datasheet HTML 3Page - Micrel Semiconductor MIC809LU Datasheet HTML 4Page - Micrel Semiconductor MIC809LU Datasheet HTML 5Page - Micrel Semiconductor MIC809LU Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
April 2005
1
M0450-041405
MIC809/810
MIC809/810
Microprocessor Reset Circuits
General Description
The MIC809 and MIC810 are inexpensive microprocessor
supervisory circuits that monitor power supplies in micro-
processor based systems.
The function of these devices is to assert a reset if the power
supplydropsbelowadesignatedresetthresholdlevel.Several
different reset threshold levels are available to accommodate
3V, 3.3V or 5V powered systems.
The MIC809 has an active-low /RESET output, while the
MIC810 offers an active-high RESEToutput.The reset output
is guaranteed to remain asserted for a minimum of 140ms
after VCC has risen above the designated reset threshold
level. Having a push-pull output stage, the MIC809/810 does
not require a pull-up resistor at the output. The MIC809/810
comes in a 3-pin SOT-23 and SC-70 package.
The MIC809 is also available with a shorter reset timeout
(30ms min.). See the MIC809-5.
All support documentation can be found on Micrel’s web site
at www.micrel.com.
Typical Application
VCC
RESET
µP
RESET
VCC
MIC809
VCC
• Precision voltage monitor for 3V, 3.3V or 5V power sup-
plies
• /RESET remains valid with VCC as low as 1.4V for SOT-
23 packaged part
• /RESET remains valid with VCC as low as 1V for SC70
packaged part
• Typically less than15µA supply current for SOT-23 pack-
aged part
• 5µ typical supply current for SC70 packaged part
• 140ms minimum reset pulse widths available
• Available in 3-pin SOT-23 and SC-70 package
Applications
• Portable equipment
• Intelligent instruments
• Critical microprocessor power monitoring
• Printers/computers
• Controllers
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC809LU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC809LU MICREL-MIC809LU Datasheet
288Kb / 6P
Microprocessor Reset Circuits
MIC809LUY MICREL-MIC809LUY Datasheet
288Kb / 6P
Microprocessor Reset Circuits
MIC809LUY MICREL-MIC809LUY Datasheet
603Kb / 10P
Microprocessor Reset Circuits
More results

Similar Description - MIC809LU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
Microprocessor Reset Circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
Microprocessor Reset Circuits
logo
Kingbor Technology Co
KB862 KINGBOR-KB862 Datasheet
184Kb / 6P
Microprocessor Reset circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
MICROPROCESSOR RESET CIRCUITS
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
Microprocessor Reset Circuits
Rev. E
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com