Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M14C16 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M14C16
Description  Memory Card IC 16/4 Kbit Serial I²C Bus EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M14C16 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M14C16 Datasheet HTML 5Page - STMicroelectronics M14C16 Datasheet HTML 6Page - STMicroelectronics M14C16 Datasheet HTML 7Page - STMicroelectronics M14C16 Datasheet HTML 8Page - STMicroelectronics M14C16 Datasheet HTML 9Page - STMicroelectronics M14C16 Datasheet HTML 10Page - STMicroelectronics M14C16 Datasheet HTML 11Page - STMicroelectronics M14C16 Datasheet HTML 12Page - STMicroelectronics M14C16 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
M14C16, M14C04
Table 9. Ordering Information Scheme
Example:
M14C04
-
W
D20
Memory Capacity
Delivery Form
16
16 Kbit
D20
Module on Super 35 mm
film
04
4 Kbit
W2
Unsawn wafer (275
µm ±
25
µm thickness)
W4
Unsawn wafer (180
µm ±
15
µm thickness)
Operating Voltage
W
2.5 V to 5.5 V
S2x
Sawn wafer (275
µm ± 25
µm thickness)
S4x
Sawn wafer (180
µm ± 15
µm thickness)
where “x” indicates the sawing orientation, as follows (and as shown in Figure 11)
1
GND at top right
2
GND at bottom right
3
GND at bottom left
4
GND at top left
ORDERING INFORMATION
Devices are shipped from the factory with the
memory content set at all ‘1’s (FFh).
The notation used for the device number is as
shown in Table 9. For a list of available options
(speed, package, etc.) or for further information on
any aspect of this device, please contact the ST
Sales Office nearest to you.
Sawn wafers are scribed and mounted in a frame
on adhesive tape. The orientation is defined by the
position of the GND pad on the die, viewed with
active area of product visible, relative to the notch-
es of the frame (as shown in Figure 11). The orien-
tation of the die with respect to the plastic frame
notches is specified by the Customer.
One further concern, when specifying devices to
be delivered in this form, is that wafers mounted
on adhesive tape must be used within a limited pe-
riod from the mounting date:
– two months, if wafers are stored at 25°C, 55%
relative humidity
– six months, if wafers are stored at 4°C, 55% rel-
ative humidity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com