Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39P0R8070E2ZADE Datasheet(PDF) 21 Page - Numonyx B.V

Part # M39P0R8070E2ZADE
Description  256 or 512Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit Low Power SDRAM, 1.8V supply, Multi-Chip Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M39P0R8070E2ZADE Datasheet(HTML) 21 Page - Numonyx B.V

Back Button M39P0R8070E2ZADE Datasheet HTML 16Page - Numonyx B.V M39P0R8070E2ZADE Datasheet HTML 17Page - Numonyx B.V M39P0R8070E2ZADE Datasheet HTML 18Page - Numonyx B.V M39P0R8070E2ZADE Datasheet HTML 19Page - Numonyx B.V M39P0R8070E2ZADE Datasheet HTML 20Page - Numonyx B.V M39P0R8070E2ZADE Datasheet HTML 21Page - Numonyx B.V M39P0R8070E2ZADE Datasheet HTML 22Page - Numonyx B.V M39P0R8070E2ZADE Datasheet HTML 23Page - Numonyx B.V M39P0R8070E2ZADE Datasheet HTML 24Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
M39P0R8070E2, M39P0R9070E2
Package mechanical
21/24
Table 6.
TFBGA105 9x11mm - 9x12 active ball array, 0.8mm pitch, mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.20
0.047
A1
0.20
0.008
A2
0.80
0.031
b
0.35
0.30
0.40
0.014
0.012
0.016
D
9.00
8.90
9.10
0.354
0.350
0.358
D1
6.40
0.252
ddd
0.10
0.004
E
11.00
10.90
11.10
0.433
0.429
0.437
E1
8.80
0.346
e
0.80
–
–
0.031
–
–
FD
1.30
0.051
FE
1.10
0.043
SE
0.40
0.016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com