Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M14C04 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M14C04
Description  Memory Card IC 16/4 Kbit Serial I²C Bus EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M14C04 Datasheet(HTML) 3 Page - STMicroelectronics

  M14C04 Datasheet HTML 1Page - STMicroelectronics M14C04 Datasheet HTML 2Page - STMicroelectronics M14C04 Datasheet HTML 3Page - STMicroelectronics M14C04 Datasheet HTML 4Page - STMicroelectronics M14C04 Datasheet HTML 5Page - STMicroelectronics M14C04 Datasheet HTML 6Page - STMicroelectronics M14C04 Datasheet HTML 7Page - STMicroelectronics M14C04 Datasheet HTML 8Page - STMicroelectronics M14C04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
M14C16, M14C04
(WC=VIH) write instructions to the entire memory
area. When unconnected, the WC input is internal-
ly read as VIL and write operations are allowed.
When WC=1, Device Select and Address bytes
are acknowledged, Data bytes are not acknowl-
edged.
Please see the Application Note
AN404 for a more
detailed description of the Write Control feature.
DEVICE OPERATION
The memory device supports the I2C protocol, as
summarized in Figure 4. Any device that sends
data on to the bus is defined to be a transmitter,
and any device that reads the data to be a receiv-
er. The device that controls the data transfer is
known as the master, and the other as the slave.
A data transfer can only be initiated by the master,
which will also provide the serial clock for synchro-
nization. The memory device is always a slave de-
vice in all communication.
Start Condition
START is identified by a high to low transition of
the SDA line while the clock, SCL, is stable in the
high state. A START condition must precede any
data transfer command. The memory device con-
tinuously monitors (except during a programming
cycle) the SDA and SCL lines for a START condi-
tion, and will not respond unless one is given.
Stop Condition
STOP is identified by a low to high transition of the
SDA line while the clock SCL is stable in the high
state. A STOP condition terminates communica-
tion between the memory device and the bus mas-
ter. A STOP condition at the end of a Read
command, after (and only after) a NoACK, forces
the memory device into its standby state. A STOP
condition at the end of a Write command triggers
the internal EEPROM write cycle.
Acknowledge Bit (ACK)
An acknowledge signal is used to indicate a suc-
cessful data transfer. The bus transmitter, either
master or slave, will release the SDA bus after
sending 8 bits of data. During the 9th clock pulse
period the receiver pulls the SDA bus low to ac-
knowledge the receipt of the 8 data bits.
Data Input
During data input, the memory device samples the
SDA bus signal on the rising edge of the clock,
SCL. For correct device operation, the SDA signal
must be stable during the clock low-to-high transi-
tion, and the data must change
only when the SCL
line is low.
Memory Addressing
To start communication between the bus master
and the slave memory, the master must initiate a
START condition. Following this, the master sends
8 bits to the SDA bus line (with the most significant
bit first). These bits represent the Device Select
Code (7 bits) and a RW bit.
The seven most significant bits of the Device Se-
lect Code are the Device Type Identifier, according
to the I2C bus definition. For the memory device,
the seven bits are fixed as shown in Table 3.
The 8th bit is the read or write bit (RW). This bit is
set to ‘1’ for read and ‘0’ for write operations. If a
match occurs on the Device Select Code, the cor-
responding memory gives an acknowledgment on
the SDA bus during the 9th bit time. If the memory
does not match the Device Select code, it will de-
select itself from the bus, and go into stand-by
mode.
Figure 3. Maximum RL Value versus Bus Capacitance (CBUS) for an I
2C Bus
AI01665
VCC
CBUS
SDA
RL
MASTER
RL
SCL
CBUS
100
0
4
8
12
16
20
CBUS (pF)
10
1000
fc = 400kHz
fc = 100kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com