Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W160ECT70N6 Datasheet(PDF) 13 Page - Numonyx B.V

Part # M28W160ECT70N6
Description  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W160ECT70N6 Datasheet(HTML) 13 Page - Numonyx B.V

Back Button M28W160ECT70N6 Datasheet HTML 9Page - Numonyx B.V M28W160ECT70N6 Datasheet HTML 10Page - Numonyx B.V M28W160ECT70N6 Datasheet HTML 11Page - Numonyx B.V M28W160ECT70N6 Datasheet HTML 12Page - Numonyx B.V M28W160ECT70N6 Datasheet HTML 13Page - Numonyx B.V M28W160ECT70N6 Datasheet HTML 14Page - Numonyx B.V M28W160ECT70N6 Datasheet HTML 15Page - Numonyx B.V M28W160ECT70N6 Datasheet HTML 16Page - Numonyx B.V M28W160ECT70N6 Datasheet HTML 17Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
13/50
M28W160ECT, M28W160ECB
Register error. The protection of the Protection
Register and/or the Security Block is not revers-
ible.
The Protection Register Program cannot be sus-
pended.
See
APPENDIX
C.,
Figure
23., Protection Register Program Flowchart and
Pseudo Code, for the flowchart for using the Pro-
tection Register Program command.
Block Lock Command
The Block Lock command is used to lock a block
and prevent Program or Erase operations from
changing the data in it. All blocks are locked at
power-up or reset.
Two Bus Write cycles are required to issue the
Block Lock command.
■
The first bus cycle sets up the Block Lock
command.
■
The second Bus Write cycle latches the block
address.
The lock status can be monitored for each block
using the Read Electronic Signature command.
Table 9. shows the protection status after issuing
a Block Lock command.
The Block Lock bits are volatile, once set they re-
main set until a hardware reset or power-down/
power-up. They are cleared by a Blocks Unlock
command. Refer to the section, Block Locking, for
a detailed explanation.
Block Unlock Command
The Blocks Unlock command is used to unlock a
block, allowing the block to be programmed or
erased. Two Bus Write cycles are required to is-
sue the Blocks Unlock command.
■
The first bus cycle sets up the Block Unlock
command.
■
The second Bus Write cycle latches the block
address.
The lock status can be monitored for each block
using the Read Electronic Signature command.
Table 9. shows the protection status after issuing
a Block Unlock command. Refer to the section,
Block Locking, for a detailed explanation.
Block Lock-Down Command
A locked block cannot be Programmed or Erased,
or have its protection status changed when WP is
low, VIL. When WP is high, VIH, the Lock-Down
function is disabled and the locked blocks can be
individually unlocked by the Block Unlock com-
mand.
Two Bus Write cycles are required to issue the
Block Lock-Down command.
■
The first bus cycle sets up the Block Lock
command.
■
The second Bus Write cycle latches the block
address.
The lock status can be monitored for each block
using the Read Electronic Signature command.
Locked-Down blocks revert to the locked (and not
locked-down) state when the device is reset on
power-down. Table 9. shows the protection status
after issuing a Block Lock-Down command. Refer
to the section, Block Locking, for a detailed expla-
nation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com