Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4511 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH4511
Description  GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4511 Datasheet(HTML) 6 Page - OSRAM GmbH

  SFH4511 Datasheet HTML 1Page - OSRAM GmbH SFH4511 Datasheet HTML 2Page - OSRAM GmbH SFH4511 Datasheet HTML 3Page - OSRAM GmbH SFH4511 Datasheet HTML 4Page - OSRAM GmbH SFH4511 Datasheet HTML 5Page - OSRAM GmbH SFH4511 Datasheet HTML 6Page - OSRAM GmbH SFH4511 Datasheet HTML 7Page - OSRAM GmbH SFH4511 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2005-02-25
6
SFH 4511
Maßzeichnung
Package Outlines
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
Package
5 mm radial (T 1
3/4)
Colour
black
Cathode
GEXY6051
5.7 (0.224)
5.1 (0.201)
1.8 (0.071)
1.2 (0.047)
Chip position
5.9 (0.232)
5.5 (0.217)
0.6 (0.024)
0.4 (0.016)
0.6 (0.024)
0.4 (0.016)
29 (1.142)
27 (1.063)
9.0 (0.354)
8.2 (0.323)
7.5 (0.295)
7.8 (0.307)
Area not flat



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com