Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DQ321 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # AT45DQ321
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DQ321 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button AT45DQ321 Datasheet HTML 35Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 36Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 37Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 38Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 39Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 40Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 41Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 42Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
DS-AT45DQ321-031 Rev. H
Page 39
7/22/24
© 2024 Renesas Electronics
AT45DQ321 Datasheet
or program a protected region or a locked down sector or an attempt to erase or program a suspended sector. The
EPE bit is updated after every erase and program operation.
10.4.7
SLE Bit
The SLE bit indicates whether or not the Sector Lockdown command is enabled or disabled. If the SLE bit is a
Logic 1, then the Sector Lockdown command is still enabled and sectors can be locked down. If the SLE bit is a
Logic 0, then the Sector Lockdown command has been disabled and no further sectors can be locked down.
10.4.8
PS2 Bit
The PS2 bit indicates if a program operation has been suspended while using Buffer 2. If the PS2 bit is a Logic 1,
then a program operation has been suspended while Buffer 2 was being used, and any command attempts that
can modify the contents of Buffer 2 are ignored.
10.4.9
PS1 Bit
The PS1 bit indicates if a program operation has been suspended while using Buffer 1. If the PS1 bit is a Logic 1,
then a program operation has been suspended while Buffer 1 was being used, and any command attempts that
can modify the contents of Buffer 1 are ignored.
10.4.10 ES Bit
The ES bit indicates whether or not an erase has been suspended. If the ES bit is a Logic 1, then an erase
operation (page, block, sector, or chip) has been suspended.
10.5 Read Configuration Register
The non-volatile Configuration Register can be used to determine if the Quad-input Buffer 1 or 2 Write and
Quad-output Read Array commands have been enabled. Unlike the Status Register, the Configuration Register
can only be read when the device is in an idle state (when the RDY/ BUSY bit of the Status Register indicates that
the device is in a ready state).
To read the Configuration Register, the CS pin must first be asserted and the opcode of 3Fh must be clocked into
the device. After the opcode has been clocked in, the device begins outputting one byte of Configuration Register
data on the SO pin during subsequent clock cycles. The data being output are a repeating byte as long as the CS
pin remains asserted and the clock pin is being pulsed.
At clock frequencies above fSCK, the first byte of data output is not valid. Thus, if operating at clock frequencies
above fSCK, at least two bytes of data must be clocked out from the device in order to determine the correct value
of the Configuration Register.
Deasserting the CS pin terminates the Read Configuration Register operation and put the SO pin into a
high-impedance state. The CS pin can be deasserted at any time and does not require that a full byte of data be
read.
The Configuration Register is a non-volatile register; thus, the contents of the Configuration Register are not
affected by power cycles or power-on reset operations.
Table 22. Configuration Register Format
1. Only bit seven of the Configuration Register is modified when using the Quad Enable/Disable commands.
Bit
Name
Type
Description
7
QE
Quad Enable
R/W
0
Quad-input/output commands and operation disabled.
1
Quad-input/output commands and operation enabled. (WP and
RESET disabled).
6:4
RES
Reserved for Future Use
R
0
Reserved for future use.
3
RES
Reserved for Future Use
R
1
Reserved for future use.
2:0
RES
Reserved for Future Use
R
0
Reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com