Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M14C64 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M14C64
Description  Memory Card IC 64/32 Kbit Serial I²C Bus EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M14C64 Datasheet(HTML) 2 Page - STMicroelectronics

  M14C64 Datasheet HTML 1Page - STMicroelectronics M14C64 Datasheet HTML 2Page - STMicroelectronics M14C64 Datasheet HTML 3Page - STMicroelectronics M14C64 Datasheet HTML 4Page - STMicroelectronics M14C64 Datasheet HTML 5Page - STMicroelectronics M14C64 Datasheet HTML 6Page - STMicroelectronics M14C64 Datasheet HTML 7Page - STMicroelectronics M14C64 Datasheet HTML 8Page - STMicroelectronics M14C64 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
M14C64, M14C32
2/14
form only. For availability of the M14C64 in wafer
form, please contact your ST sales office.
Each memory is compatible with the I2C extended
memory standard. This is a two wire serial inter-
face that uses a bi-directional data bus and serial
clock. The memory carries a built-in 7-bit unique
Device Type Identifier code (1010000) in accord-
ance with the I2C bus definition. Only one memory
can be attached to each I2C bus.
The memory behaves as a slave device in the I2C
protocol, with all memory operations synchronized
by the serial clock. Read and write operations are
initiated by a START condition, generated by the
bus master. The START condition is followed by
the Device Select Code which is composed of a
stream of 7 bits (1010000), plus one read/write bit
(R/W) and is terminated by an acknowledge bit.
When writing data to the memory, the memory in-
serts an acknowledge bit during the 9th bit time,
following the bus master’s 8-bit transmission.
When data is read by the bus master, the bus
master acknowledges the receipt of the data byte
in the same way. Data transfers are terminated by
a STOP condition after an Ack for WRITE, and af-
ter a NoACK for READ.
Power On Reset: VCC Lock-Out Write Protect
In order to prevent data corruption and inadvertent
write operations during power up, a Power On Re-
set (POR) circuit is included. The internal reset is
held active until the VCC voltage has reached the
POR threshold value, and all operations are dis-
abled – the device will not respond to any com-
mand. In the same way, when VCC drops from the
operating voltage, below the POR threshold value,
all operations are disabled and the device will not
respond to any command. A stable and valid VCC
must be applied before applying any logic signal.
Figure 2. D20 Contact Connections
AI02168
VCC
GND
SCL
SDA
WC
Figure 3. D22 Contact Connections
AI02204
VCC
GND
SCL
SDA
WC
Table 2. Absolute Maximum Ratings 1
Note: 1. Except for the rating “Operating Temperature Range”, stresses above those listed in the Table “Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only, and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi-
tions for extended periods may affect device reliability. Refer also to the ST SURE Program and other relevant quality documents.
2. MIL-STD-883C, 3015.7 (100 pF, 1500
Ω)
3. EIAJ IC-121 (Condition C) (200 pF, 0
Ω)
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
0 to 70
°C
TSTG
Storage Temperature
Wafer form
Module form
-65 to 150
-40 to 120
°C
VIO
Input or Output range
-0.6 to 6.5
V
VCC
Supply Voltage
-0.3 to 6.5
V
VESD
Electrostatic Discharge Voltage (Human Body model) 2
4000
V
Electrostatic Discharge Voltage (Machine model) 3
400
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com