Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KC Datasheet(PDF) 9 Page - Numonyx B.V

Part # M58LR128KC
Description  128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KC Datasheet(HTML) 9 Page - Numonyx B.V

Back Button M58LR128KC Datasheet HTML 5Page - Numonyx B.V M58LR128KC Datasheet HTML 6Page - Numonyx B.V M58LR128KC Datasheet HTML 7Page - Numonyx B.V M58LR128KC Datasheet HTML 8Page - Numonyx B.V M58LR128KC Datasheet HTML 9Page - Numonyx B.V M58LR128KC Datasheet HTML 10Page - Numonyx B.V M58LR128KC Datasheet HTML 11Page - Numonyx B.V M58LR128KC Datasheet HTML 12Page - Numonyx B.V M58LR128KC Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 108 page
background image
M58LRxxxKC, M58LRxxxKD
Description
9/108
The M58LRxxxKC/D features an instant, individual block locking scheme that allows any
block to be locked or unlocked with no latency, enabling instant code and data protection. All
blocks have three levels of protection. They can be locked and locked-down individually
preventing any accidental programming or erasure. There is an additional hardware
protection against program and erase. When VPP ≤VPPLK all blocks are protected against
program or erase. All blocks are locked at power-up.
The device includes 17 Protection Registers and 2 Protection Register locks, one for the first
Protection Register and the other for the 16 One-Time-Programmable (OTP) Protection
Registers of 128 bits each. The first Protection Register is divided into two segments: a 64
bit segment containing a unique device number written by Numonyx, and a 64 bit segment
that is OTP by the user. The user programmable segment can be permanently protected.
Figure 4, shows the Protection Register memory map.
The devices are supplied with all the bits erased (set to ’1’)
Note:
The M58LRxxxKC/D is only available as part of a multichip package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com