Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS4305 Datasheet(PDF) 16 Page - Mosel Vitelic, Corp

Part # MSS4305
Description  21/32/43/60 VOICE ROM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS4305 Datasheet(HTML) 16 Page - Mosel Vitelic, Corp

Back Button MSS4305 Datasheet HTML 12Page - Mosel Vitelic, Corp MSS4305 Datasheet HTML 13Page - Mosel Vitelic, Corp MSS4305 Datasheet HTML 14Page - Mosel Vitelic, Corp MSS4305 Datasheet HTML 15Page - Mosel Vitelic, Corp MSS4305 Datasheet HTML 16Page - Mosel Vitelic, Corp MSS4305 Datasheet HTML 17Page - Mosel Vitelic, Corp MSS4305 Datasheet HTML 18Page - Mosel Vitelic, Corp MSS4305 Datasheet HTML 19Page - Mosel Vitelic, Corp MSS4305 Datasheet HTML 20Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
MOSEL VITELIC INC.
16/27
PID248*** 08/96
MSS2105/S3205/S4305/S6605
preliminary
Specifications subject to change without notice, contact your sales representatives for the most recent information.
IX. 2. Mask as Retrigger type/ CPU mode
AUDIO
BUSY
TG7
Sec09
TG5
TG4
TG3
TG2
TG1
TG0
Sec06
TG6
LED
VCC
VSS
COUT
TG0
TG6
OSC
R1
T
S
BS
µP
VCC
VSS
OSC
R1
BS
Address
Bus
µP
PIEZO
BUZZER
VOUT1
VOUT2
Typical Application
Address
Bus
Application Circuit
1. CPU addressing
TG7
TG0
TG6
TG7
R2
0.25 W
35 phi
8 ohm
Ffr=1KHz
beta=150
Ffr=Fundamental
Resonant
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com