Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSGJK Datasheet(PDF) 2 Page - TUK Ltd

Part # WSGJK
Description  IP Rated Category 6A Panel Mountable Socket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

WSGJK Datasheet(HTML) 2 Page - TUK Ltd

  WSGJK Datasheet HTML 1Page - TUK Ltd WSGJK Datasheet HTML 2Page - TUK Ltd WSGJK Datasheet HTML 3Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
•
Materials:
o
Housing: PA66 Plastic
o
Insert: Flame Retardant PBT
o
Socket: Zinc alloy
o
RJ45 Contact: Gold Plated Phosphor Bronze, 1.27µ” / 50µm
Packaging:
packaged in individual poly bags and then bags of 20
Commodity code:
85369010
EAN:
5055386510280
Country of Origin:
China
Illustrative Images:
10/10/2022
Dimensions of panel cut-out:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com