Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22102 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M22102
Description  WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M22102 Datasheet(HTML) 2 Page - STMicroelectronics

  M22102 Datasheet HTML 1Page - STMicroelectronics M22102 Datasheet HTML 2Page - STMicroelectronics M22102 Datasheet HTML 3Page - STMicroelectronics M22102 Datasheet HTML 4Page - STMicroelectronics M22102 Datasheet HTML 5Page - STMicroelectronics M22102 Datasheet HTML 6Page - STMicroelectronics M22102 Datasheet HTML 7Page - STMicroelectronics M22102 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
VDD
Supply Voltage: Ceramic Type
Plastic Type
-0.5 to +20
-0.5 to +18
V
V
Vi
Input Voltage
-0.5 to VDD + 0.5
V
II
DC Input Current (any one input)
± 10
mA
Ptot
Total Power Dissipation (per package)
Dissipation per Output Transistor
for Top = Full Package Temperature Range
200
100
mW
mW
Top
Operating Temperature: Ceramic Type
Plastic Type
-55 to +125
-40 to +85
oC
oC
Tstg
Storage Temperature
-65 to +150
oC
Stresses above those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress ratingonly and functional
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for external periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage: Ceramic Type
Plastic Type
3to 18
3to 15
V
V
VI
Input Voltage
0 to VDD
V
Top
Operating Temperature: Ceramic Type
Plastic Type
-55 to +125
-40 to +85
oC
oC
CONTROL TRUTH TABLE FOR M22101
Function
Address
Strobe
Data
Select
AB
CD
Switch-on
1
1
1
1
1
1
(X4 Y4) & (X4’ Y4’)
Switch-off
1
1
1
1
1
0
(X4 Y4) & (X4’ Y4’)
No Change
X
X
X
X
0
X
XXXX
Note: 1 = High, 0 = Low, X = Don’t Care
CONTROL TRUTH TABLE FOR M22102
Function
Address
Strobe
Data
Select
AB
CD
Switch-on
1
1
1
1
1
0
(X4 Y4) & (X4’ Y4’)
Switch-off
1
1
1
1
0
1
(X4 Y4) & (X4’ Y4’)
All Switch-off
X
X
X
X
1
1
All
No Change
X
X
X
X
0
0
XXXX
Note: 1 = High, 0 = Low, X = Don’t Care
M22101/M22102
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com