Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6821 Datasheet(PDF) 17 Page - MOSA ELECTRONICS

Part # MS6821
Description  4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6821 Datasheet(HTML) 17 Page - MOSA ELECTRONICS

Back Button MS6821 Datasheet HTML 13Page - MOSA ELECTRONICS MS6821 Datasheet HTML 14Page - MOSA ELECTRONICS MS6821 Datasheet HTML 15Page - MOSA ELECTRONICS MS6821 Datasheet HTML 16Page - MOSA ELECTRONICS MS6821 Datasheet HTML 17Page - MOSA ELECTRONICS MS6821 Datasheet HTML 18Page - MOSA ELECTRONICS MS6821 Datasheet HTML 19Page - MOSA ELECTRONICS MS6821 Datasheet HTML 20Page - MOSA ELECTRONICS MS6821 Datasheet HTML 21Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
MOSA
MS6821
4 Stereo inputs / 2W PA output integrated Audio DAC and Volume Control
REV 1.0
17
www.mosanalog.com
Output mode (SE/BTL), Mixer control and Audio format
MSB
LSB
Function
1
1
1
S/B
MixL
MixR
AF1
AF0
Output mode, mixer control and audio format
0
Output mode is BTL
1
Output mode is SE
0
L-ch of input selector is the only signal
1
Mix L-ch of input selector and L-ch of DAC
0
R-ch of input selector is the only signal
1
Mix R-ch of input selector and R-ch of DAC
0
0
Right justified format
1
0
Left justified format
0
1
1
1
I
2S format
Initial state: Output mode is BTL mode, unmixed mode and Right justified format
I
2C Initial code and status
MSB
LSB
Function
Initial status
0
0
1
1
1
1
1
1
L-ch, Attenuation and Mute
Mute On
0
1
1
1
1
1
1
1
R-ch, Attenuation and Mute
Mute On
1
0
0
0
0
0
0
0
L-ch, Input Gain and line Selection
Line1, 0dB
1
0
1
0
0
0
0
0
R-ch, Input Gain and line Selection
Line1, 0dB
1
1
0
1
1
1
1
1
Power Down Mode
All devices
power down
1
1
1
0
0
0
0
0
Output mode (SE/BTL), Mixer control
and Audio format
BTL, Unmixed,
Right justified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com