Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS861 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS861
Description  Rail-to-rail micropower BiCMOS comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS861 Datasheet(HTML) 2 Page - STMicroelectronics

  TS861_V01 Datasheet HTML 1Page - STMicroelectronics TS861_V01 Datasheet HTML 2Page - STMicroelectronics TS861_V01 Datasheet HTML 3Page - STMicroelectronics TS861_V01 Datasheet HTML 4Page - STMicroelectronics TS861_V01 Datasheet HTML 5Page - STMicroelectronics TS861_V01 Datasheet HTML 6Page - STMicroelectronics TS861_V01 Datasheet HTML 7Page - STMicroelectronics TS861_V01 Datasheet HTML 8Page - STMicroelectronics TS861_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Absolute maximum ratings and operating conditions
TS861, TS862, TS864
2/19
Doc ID 6422 Rev 3
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
All voltages values, except differential voltage are with respect to network terminal.
12
V
VID
Differential input voltage(2)
2.
Differential voltages are non-inverting input terminal with respect to the inverting input terminal.
±12
V
VIN
Input voltage range(3)
3.
The magnitude of input and output voltages must never exceed V
CC +0.3 V.
-0.3 to 12.3
V
RTHJA
Thermal resistance junction-to-ambient(4)
SOT23-5
SO-8
SO-14
TSSOP8
TSSOP14
4.
Short-circuits can cause excessive heating. These values are typical.
250
125
105
120
100
°C/W
RTHJC
Thermal resistance junction-to-case(4)
SOT23-5
SO-8
SO-14
TSSOP8
TSSOP14
81
40
31
37
32
°C/W
TSTG
Storage temperature range
-65 to +150
°C
TJ
Maximum junction temperature
150
°C
TLEAD
Lead temperature (soldering, 10 sec.)
260
°C
ESD
Human body model (HBM)(5)
Machine model (MM)(6)
5.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through
a 1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin
combinations while the other pins are floating.
6.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
2
200
kV
V
Latch-up immunity
Class A
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 10
V
VICM
Common mode input voltage range
VCC
- - 0.3 to V
CC
+ + 0.3
V
TOper
Operating free air temperature range
-40 to + 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com