Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # HCM
Description  Horizontal Lacing Strip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

HCM Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  HCM Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11/8/2017
Horizontal Lacing Strip (HCM Series) - Hammond Mfg.
https://www.hammfg.com/dci/products/accessories/hcm
1/1
Mounting Hardware
Hook and Loop Roll
Data subject to change without notice
Horizontal Lacing Strip HCM Series
Features
Constructed of 14 or 16 gauge steel.
Sold in packs of ten (10) unless otherwise noted.
Steel organizer or provides cable strain relief.
Available with either 90 or 45 degree offset.
Finished in black powder paint.
RoHS and REACH compliant.
Manufactured in North America.
Gallery
Accessories
Part No.
Overall Dimensions
Offset
Hook and Loop
Qty Included
Height
Width
Depth
Angle
Included
in Package
HCM190BK
0.62
19.00
0.00
0 Degrees
No
10
HCM192BK
0.62
19.00
2.00
90 Degrees
No
10
HCM194BK
0.62
19.00
4.00
90 Degrees
No
10
HCM190UBK1
0.62
19.00
2.50
45 Degrees
Yes
1
HCM230UBK1
0.62
23.00
2.50
45 Degrees
Yes
1
Note: Six and Eight inch depths available upon request.
© 2017. Hammond Manufacturing Ltd. All rights reserved.
Quality Products. Service Excellence.


Similar Part No. - HCM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCM ETC1-HCM Datasheet
44Kb / 4P
High enerhy absorption cylinder, double acting/single rod type
logo
Hammond Manufacturing L...
HCM HAMMOND-HCM Datasheet
47Kb / 1P
Etrie de retenue horizontal
logo
Mitsubishi Electric Sem...
HCM-1002-H MITSUBISHI-HCM-1002-H Datasheet
128Kb / 7P
HIGH VOLTAGE IGBT MODULE TARGET SPECIFICATION
logo
Lanner All Rights Reser...
HCM-1030 LANNER-HCM-1030 Datasheet
397Kb / 1P
100 GbE Switch Blade with Broadcom StrataXGS Tomahawk BCM56960
V6-2022,4,14
HCM-1030E LANNER-HCM-1030E Datasheet
397Kb / 1P
100 GbE Switch Blade with Broadcom StrataXGS Tomahawk BCM56960
V6-2022,4,14
More results

Similar Description - HCM

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
103-006-253-100 EDAC-103-006-253-100 Datasheet
67Kb / 1P
103 Series Contacts | Horizontal strip
08-Apr-2020
103-007-251-200 EDAC-103-007-251-200 Datasheet
69Kb / 1P
103 Series Contacts | Horizontal strip
08-Apr-2020
103-007-253-200 EDAC-103-007-253-200 Datasheet
67Kb / 1P
103 Series Contacts | Horizontal strip
08-Apr-2020
103-008-253-200 EDAC-103-008-253-200 Datasheet
67Kb / 1P
103 Series Contacts | Horizontal strip
08-Apr-2020
103-010-250-200 EDAC-103-010-250-200 Datasheet
69Kb / 1P
103 Series Contacts | Horizontal strip
08-Apr-2020
logo
Kendall Howard
1903-1-100-00 KENDALLHOWARD-1903-1-100-00 Datasheet
70Kb / 1P
Bar - Horizontal Lacing
1903-1-110-00 KENDALLHOWARD-1903-1-110-00 Datasheet
71Kb / 1P
Bar - Horizontal Lacing (10 PACK)
1903-1-101-00 KENDALLHOWARD-1903-1-101-00 Datasheet
71Kb / 1P
Bar - 3" Horizontal Lacing
1903-1-111-00 KENDALLHOWARD-1903-1-111-00 Datasheet
71Kb / 1P
Bar - 3" Horizontal Lacing (10 PACK)
1903-1-112-00 KENDALLHOWARD-1903-1-112-00 Datasheet
71Kb / 1P
Bar - 5" Horizontal Lacing (10 PACK)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com