Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMU2481 Datasheet(PDF) 21 Page - Micronas

Part # AMU2481
Description  Audio Mixer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

AMU2481 Datasheet(HTML) 21 Page - Micronas

Back Button AMU2481 Datasheet HTML 17Page - Micronas AMU2481 Datasheet HTML 18Page - Micronas AMU2481 Datasheet HTML 19Page - Micronas AMU2481 Datasheet HTML 20Page - Micronas AMU2481 Datasheet HTML 21Page - Micronas AMU2481 Datasheet HTML 22Page - Micronas AMU2481 Datasheet HTML 23Page - Micronas AMU2481 Datasheet HTML 24Page - Micronas AMU2481 Datasheet HTML 25Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AMU 2481
MICRONAS INTERMETALL
21
4.5.3. Characteristics at TA = 0 to 65 °C, VSUP = 4.75 to 5.25 V, fΦM = 14.3 to 18.4 MHz
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
ISUP
Supply Current
14
–
140
170
mA
VIMOL
IM Bus Output Low Voltage
3
–
–
0.4
V
IIMO = 3 mA
IIMOH
IM Bus Output High Current
–
–
10
µA
VIMO = 5 V
–ISIL
S–Clock/Ident/Data Input
Low Current
8, 9, 15
–
1
2.7
mA
VSI = 0.3 V
VSIH
S–Clock/Ident/Data Input
High Voltage
–
–
1.2
V
ISI = 0
VSOL
S–Bus Output Low Voltage
8, 9, 15
–
–
0.3
V
ISO = 6 mA
ISOH
S–Data Output High Current
6
–
–
10
µA
VSO = 5 V
IOMAIN
DAC1 Output
Peak–to–Peak Current
22, 23
–
0.81
–
mA
IREF1 =0.15 mA,
VOL2 = 0 dB
–
25
–
µA
IREF1 =0.15 mA,
VOL2 = –30 dB
IOAUX
DAC2 Output
Peak–to–Peak Current
19, 20
–
0.81
–
mA
IREF2 =0.15 mA
THD
Total Hamonic Distortion of
DAC Output
19, 20,
22, 23
–
–
0.1
%
VISB
Internal Substrate Bias Voltage
10
–
–3.4
–
V
CISB = 100 nF
VREF1
Reference Input Voltage Drop
21
–
2.5
–
V
RREF1 = 68 kOhm from
+12 V, VOL2 = 0 dB
–
0.45
–
V
RREF1 = 68 kOhm from
+12 V, VOL2 = –30 dB
VREF2
Reference Input Voltage Drop
1
–
2.5
–
V
RREF2 = 68 kOhm from
+12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com