Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WT032KT Datasheet(PDF) 9 Page - Numonyx B.V

Part # M58WT032KT
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KT Datasheet(HTML) 9 Page - Numonyx B.V

Back Button M58WT032KT Datasheet HTML 5Page - Numonyx B.V M58WT032KT Datasheet HTML 6Page - Numonyx B.V M58WT032KT Datasheet HTML 7Page - Numonyx B.V M58WT032KT Datasheet HTML 8Page - Numonyx B.V M58WT032KT Datasheet HTML 9Page - Numonyx B.V M58WT032KT Datasheet HTML 10Page - Numonyx B.V M58WT032KT Datasheet HTML 11Page - Numonyx B.V M58WT032KT Datasheet HTML 12Page - Numonyx B.V M58WT032KT Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Description
9/117
The M58WTxxxKT/B feature an instant, individual block locking scheme that allows any
block to be locked or unlocked with no latency, enabling instant code and data protection. All
blocks have three levels of protection. They can be locked and locked-down individually
preventing any accidental programming or erasure. There is additional hardware protection
against program and erase. When VPP ≤VPPLK all blocks are protected against program or
erase. All blocks are locked at power-up.
The device includes a Protection Register to increase the protection of a system’s design.
The Protection Register is divided into two segments: a 64-bit segment containing a unique
device number written by Numonyx, and a 128-bit segment one-time-programmable (OTP)
by the user. The user programmable segment can be permanently protected. Figure 5
shows the Protection Register memory map.
The memory is offered TFBGA88, 8 × 10 mm, 8 × 10 active ball array, 0.8 mm pitch package
and is supplied with all the bits erased (set to ’1’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com