Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD12 Datasheet(PDF) 4 Page - Protek Devices

Part # PSD12
Description  STANDARD CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSD12 Datasheet(HTML) 4 Page - Protek Devices

  PSD12 Datasheet HTML 1Page - Protek Devices PSD12 Datasheet HTML 2Page - Protek Devices PSD12 Datasheet HTML 3Page - Protek Devices PSD12 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.protekdevices.com
05118.R4 9/03
PSD03
thru
PSD24C
COPYRIGHT © ProTek Devices 2003
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical
characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that
the final judgement concerning selection and specifications is the buyer’s and that in furnishing
engineering and technical assistance, ProTek assumes no responsibility with respect to the
selection or specifications of such products.
PACKAGE OUTLINE & DIMENSIONS
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance
with EIA-481.
2. Suffix -T7 = 7 Inch Reel - 3,000 pieces per 8mm tape,
i.e.,
PSD05C-T7.
Outline & Dimensions: Rev 1 - 11/01, 06010
A
B
C
D
E
F
H
1.60
1.15
2.39
0.92
0.25
0.10
-
1.90
1.45
2.70
1.10
0.40
0.20
0.10
0.063
0.045
0.094
0.036
0.010
0.004
-
0.075
0.057
0.106
0.043
0.016
0.008
0.004
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES
1. Controlling Dimensions in Millimeters.
2. Dimensions are exclusive of mold flash and metal burrs.
PACKAGE OUTLINE
SOD-323 PACKAGE
MOUNTING PAD
0.031” (0.80mm)
0.031” (0.80mm)
0.118” (3.00mm)
A
C
D
F
B
E
H



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com