Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD12C Datasheet(PDF) 2 Page - Protek Devices

Part # PSD12C
Description  STANDARD CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSD12C Datasheet(HTML) 2 Page - Protek Devices

  PSD12C Datasheet HTML 1Page - Protek Devices PSD12C Datasheet HTML 2Page - Protek Devices PSD12C Datasheet HTML 3Page - Protek Devices PSD12C Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.protekdevices.com
05118.R4 9/03
PSD03
thru
PSD24C
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Undirectional: Peak Pulse Power (tp = 8/20µs) - See Fig. 1
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C
°C
°C
-55°C to 150°C
Watts
UNITS
500
TJ
PPP
TSTG
PARAMETER
Storage Temperature
Bidirectional: Peak Pulse Power (tp = 8/20µs) - See Fig. 1
Watts
400
PPP
Note 1: Part numbers with an additional “C” suffix are bidirectional devices, i.e., PSD05C.
Note 2:
For Bidirectional Devices Only: Electrical characteristics apply in both directions.
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Notes 1-2)
DEVICE
MARKING
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
TYPICAL
CAPACITANCE
@0V, 1 MHz
C
J
pF
PSD03
PSD03C
PSD05
PSD05C
PSD08
PSD08C
PSD12
PSD12C
PSD15
PSD15C
PSD18
PSD18C
PSD24
PSD24C
PSD36
PSD36C
A
G
B
H
C
J
D
K
E
L
G
N
F
M
R
T
4.0
4.0
6.0
6.0
8.5
8.5
13.3
13.3
16.7
16.7
20.0
20.0
26.7
26.7
40.0
40.0
6.5
7.0
9.8
9.8
13.4
13.4
19.0
19.0
24.0
24.0
29.0
29.0
43.0
43.0
60.0
60.0
10.9V @ 43.0A
10.9V @ 39.0A
13.5V @ 42.0A
14.5V @ 28.0A
16.9V @ 34.0A
18.5V @ 17.0A
25.9V @ 21.0A
29.5V @ 14.0A
30.0V @ 17.0A
33.0V @ 12.0A
40.0V @ 9.0A
40.0V @ 9.0A
49.0V @ 12.0A
46.2V @ 9.0A
75.0V @ 5.0A
75.0V @ 5.0A
500
200
350
175
250
150
150
50
100
40
90
40
88
40
75
35
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
125
125
10
10
10
10
1
1
1
1
1
1
1
1
1
1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
3.3
3.3
5.0
5.0
8.0
8.0
12.0
12.0
15.0
15.0
18.0
18.0
24.0
24.0
36.0
36.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com