Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF Datasheet(PDF) 1 Page - Pro-Signal

Part # ADF
Description  Cable Economiser Data / Data
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

ADF Datasheet(HTML) 1 Page - Pro-Signal

  ADF Datasheet HTML 1Page - Pro-Signal ADF Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
27/09/12
Cable Economiser
Data / Data
Specifications:
Connector Type A
: Data
Connector Type B
: Data
Cable Assembly Type
: Network Cables
Cable Length - Imperial
: 5.91"
Cable Length - Metric
: 150mm
Jacket Colour
: Grey
Conductor Size
: 24AWG
Dimensions : Millimetres


Similar Part No. - ADF

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
ADF-07 MINMAX-ADF-07 Datasheet
159Kb / 4P
7 Watts Universal Input Range AC/DC Power Modules
ADF-07S03 MINMAX-ADF-07S03 Datasheet
159Kb / 4P
7 Watts Universal Input Range AC/DC Power Modules
ADF-07S03 MINMAX-ADF-07S03 Datasheet
249Kb / 3P
AC/DC Power Module 7W Ultra -compact Dimensions
ADF-07S03 MINMAX-ADF-07S03 Datasheet
314Kb / 3P
AC/DC Power Module 7W
ADF-07S05 MINMAX-ADF-07S05 Datasheet
159Kb / 4P
7 Watts Universal Input Range AC/DC Power Modules
More results

Similar Description - ADF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADF5 ETC2-ADF5 Datasheet
459Kb / 2P
Cable Economiser
PD3001 ETC2-PD3001 Datasheet
526Kb / 2P
Data Transmission Cable
PP001160 ETC2-PP001160 Datasheet
165Kb / 1P
Data and Audio Cable
PP001162 ETC2-PP001162 Datasheet
164Kb / 1P
Data and Audio Cable
logo
Neutrik AG
NKXPRO-DATA NEUTRIK-NKXPRO-DATA Datasheet
42Kb / 1P
XIRIUM PRO data cable
logo
TE Connectivity Ltd
1-1773947-8 TEC-1-1773947-8 Datasheet
353Kb / 4P
RAIL DATA CABLE
logo
Pepperl+Fuchs Inc.
WCS-DCF PF-WCS-DCF Datasheet
91Kb / 1P
Flexible data cable
WCS-DCS PF-WCS-DCS Datasheet
91Kb / 1P
Flexible data cable
logo
Ultralife Corporation.
UCA0114 ULTRALIFE-UCA0114 Datasheet
614Kb / 1P
Smart 2590 Data & Power Cable
Rev -
logo
PHOENIX CONTACT
2320500 PHOENIX-2320500 Datasheet
66Kb / 4P
Data cable - IFS-USB-DATACABLE
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com