Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31088 Datasheet(PDF) 1 Page - Pro-Signal

Part # 31088
Description  Telephone Socket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

31088 Datasheet(HTML) 1 Page - Pro-Signal

  31088 Datasheet HTML 1Page - Pro-Signal 31088 Datasheet HTML 2Page - Pro-Signal 31088 Datasheet HTML 3Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Telephone Socket
Page 1
08/02/08 V1.0
Type
Description
Part Number
Type 1
Telephone Master Socket IDC 2/1A
31084
Telephone Master Socket Screw 2/4A
31085
Telephone Extension Socket IDC 2/3A
31086
Telephone Extension Socket Screw 2/6A
31087
Type 1
Telephone Master Socket IDC 3/1A
31088
Telephone Extension Socket IDC 3/3A
31091
Telephone Extension Socket IDC 3/6A
31095
Description:
Type 1:
Surface mount wall socket with all the components fastened to the cover. Supplied complete with wall fixing screws. Dimensions (H x
W x D): 67.5 x 67.5 x 29.1mm.
Type 2:
Flush mount wall socket with all the components fastened to the removable cover. Dimensions (H x W x D): 84 x 84 x 21mm.
Type 3:
Flush mount wall socket with all the components fastened to the removable cover. The unit has two outlets from a single incoming
line. Dimensions (H x W x D): 84 x 84 x 21mm.
Features:
• A selection of master or secondary (slave/extension) wall mounting sockets that
are available with IDC or screw terminals.
• The sockets are either surface or flush mounted and are available in 3 different
styles.
• The master sockets contain a 1.8µF capacitor, whilst the secondary sockets contain
terminal connectors only.
Specifications


Similar Part No. - 31088

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
31088 MACOM-31088 Datasheet
662Kb / 60P
SOLISTRAND, Budget and DIAMOND GRIP
More results

Similar Description - 31088

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
Cordless Telephone
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
Cordless Telephone
logo
List of Unclassifed Man...
30-9514 ETC2-30-9514 Datasheet
269Kb / 1P
TELEPHONE CORD
logo
Adam Technologies, Inc.
MTJ-44HX1-TR ADAM-TECH-MTJ-44HX1-TR Datasheet
78Kb / 1P
TELEPHONE JACK
MTJ-64HX1 ADAM-TECH-MTJ-64HX1 Datasheet
131Kb / 1P
TELEPHONE JACK
MTJ-66HX1 ADAM-TECH-MTJ-66HX1 Datasheet
104Kb / 1P
TELEPHONE JACK
MTJ-66HX1-TR ADAM-TECH-MTJ-66HX1-TR Datasheet
128Kb / 1P
TELEPHONE JACK
MTJ-622X1 ADAM-TECH-MTJ-622X1 Datasheet
107Kb / 1P
TELEPHONE JACK
logo
ARTSCHIP ELECTRONICS CO...
KA2411 ARTSCHIP-KA2411 Datasheet
336Kb / 7P
Telephone
logo
List of Unclassifed Man...
U-174-U ETC1-U-174-U Datasheet
148Kb / 1P
TELEPHONE PLUG
C
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com