Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM3 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABM3
Description  CERAMIC SMD CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM3 Datasheet(HTML) 2 Page - Abracon Corporation

  ABM3 Datasheet HTML 1Page - Abracon Corporation ABM3 Datasheet HTML 2Page - Abracon Corporation ABM3 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
|||||||||| | | | | |
ABM3
5.0 X 3.2 X 1.3mm
MINIATURE CERAMIC SMD CRYSTAL
OPTIONS AND PART IDENTIFICATION:
OPTIONS AND PART IDENTIFICATION: (Left blank if standard)
RoHS/RoHS II Compliant.
Pb in Glass, exemption 7C-I per RoHS II Directive
2011/65/EU Annex
ABM3 -
MHz - -
-
-
Frequency in MHz
Please specify the frequency
in MHz.
e.g. 14.31818MHz
Load Capacitance (pF)
Please specify CL in pF
or S for series
Freq. Stability
(See Table 1 for details)
U: ± 10 ppm
G: ± 15 ppm
X: ± 20 ppm
W: ± 25 ppm
Y: ± 30 ppm
H: ± 35 ppm
Q: ± 100 ppm
Custom ESR if other
than standard
R
: Specify a value in
(e.g.: R40)
Operating Temp.
(See Table 1 for details)
E: 0°C ~ +70°C
B: -20°C ~ +70°C
C: -30°C ~ +70°C
N: -30°C ~ +85°C
D: -40°C ~ +85°C
J: -40°C ~ +105°C
K: -40°C ~ +125°C
Freq. Tolerance
7: ± 15 ppm
2: ± 20 ppm
3: ± 25 ppm
4: ± 30 ppm
Packaging
Blank: Bulk
T: Tape & Reel
Table 1 Available Combinations of Operating Temp. and Freq. Stability
Operating Temp.
Freq. Stability
U:±10ppm G:±15ppm X:±20ppm W:±25ppm Y:±30ppm H:±35ppm Std:±50ppm Q:±100ppm
Std: -10°C ~ +60°C
E: 0°C ~ +70°C
B: -20°C ~ +70°C
C: -30°C ~ +70°C
N: -30°C ~ +85°C
D: -40°C ~ +85°C
J: -40°C ~ +105°C
K: -40°C ~ +125°C
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 05-03-21



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com