Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

161 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 161
Description  PHOTO CELL (CDS PHOTORESISTOR)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

161 Datasheet(HTML) 1 Page - Adafruit Industries

  161 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SENSORS / LIGHT/COLOR/PHOTO / PHOTO CELL (CDS PHOTORESISTOR)
•
Description
CdS cells are little light sensors. As the squiggly face is exposed to more light, the resistance goes
down. When its light, the resistance is about 5-10KΩ, when dark it goes up to 200KΩ.
To use, connect one side of the photo cell (either one, its symmetric) to power (for example 5V) and
the other side to your microcontroller's analog input pin. Then connect a 10K pull-down resistor from
that analog pin to ground. The voltage on the pin will be 2.5V or higher when its light out and near
ground when its dark.
•
Technical Details
Dimensions:
o Length: 4.46mm/0.18in
o Width: 5mm/0.20in
o Height: 2.09mm/0.08in
o Weight: 0.25g/0.01oz


Similar Part No. - 161

ManufacturerPart #DatasheetDescription
logo
France Joint
161 FRANCEJOINT-161 Datasheet
394Kb / 6P
ROD SEALS
logo
Walther-Werke
161 WALTHER-161 Datasheet
958Kb / 2P
Sockets IP 44
logo
English Chain Co. Ltd
161 13 ENGLISHCHAIN-161 13 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
logo
Walther-Werke
161 304 WALTHER-161 304 Datasheet
958Kb / 2P
Sockets IP 44
161 306 WALTHER-161 306 Datasheet
958Kb / 2P
Sockets IP 44
More results

Similar Description - 161

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P1114-01 HAMAMATSU-P1114-01 Datasheet
143Kb / 2P
CdS photoconductive cell
P687-02 HAMAMATSU-P687-02 Datasheet
116Kb / 2P
CdS photoconductive cell
logo
List of Unclassifed Man...
VT935G ETC-VT935G Datasheet
190Kb / 1P
PHOTOCONDUCTIVE CdS CELL
logo
Hamamatsu Corporation
S10108 HAMAMATSU-S10108 Datasheet
104Kb / 3P
For flame eye/using photo IC diode (RoHS compliance) instead of CdS cell
logo
NXP Semiconductors
3534 PHILIPS-3534 Datasheet
319Kb / 2P
PHOTO ELECTRIC CELL
logo
List of Unclassifed Man...
N5AC-501085 ETC2-N5AC-501085 Datasheet
83Kb / 1P
LDR CDS PHOTO CELL
logo
Advanced Photonix, Inc.
PDV-P7002 ADVANCEDPHOTONIX-PDV-P7002 Datasheet
117Kb / 1P
CdS Photoconductive Photocells
logo
List of Unclassifed Man...
N5AC-50108 ETC1-N5AC-50108 Datasheet
442Kb / 1P
LDR CdS PHOTO CELL
FZ800E-ADC-CDS ETC-FZ800E-ADC-CDS Datasheet
79Kb / 1P
ADC-CDS
GL55 ETC2-GL55 Datasheet
283Kb / 5P
Photoresistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com