Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS3205 Datasheet(PDF) 9 Page - Mosel Vitelic, Corp

Part # MSS3205
Description  21/32/43/60 VOICE ROM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS3205 Datasheet(HTML) 9 Page - Mosel Vitelic, Corp

Back Button MSS3205 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 8Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 9Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 10Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 11Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 12Page - Mosel Vitelic, Corp MSS3205 Datasheet HTML 13Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
MOSEL VITELIC INC.
9/27
PID248*** 08/96
MSS2105/S3205/S4305/S6605
preliminary
Specifications subject to change without notice, contact your sales representatives for the most recent information.
R
cds
R
cnt
d
F/F
d
F/F
cds R
Switch contact R
Frq. stability
Frq. variation
-5
-10
40
20
5
10
Kohm
Kohm
%
%
[ F(4.5V)-F(4.0V)] /F(4.5V)
lot by lot
Symbol
t T
t H
t W
t WA
t BS
t TB
t PL
t RMU
t RMD
t STP
t SET
t WLR
t WLB
t WLA
t P
t R
Description
Trigger pulse width
Trigger address hold time
Write enable pulse width
TG7 rise to audio start
Lag between busy & stop
Lag between trig & busy
plain width behind sound
Ramp up width
Ramp down width
Stop pulse width
address set up time
write fall to ramp up start
write fall to busy start
write fall to audio stop
Power rise up time
Power ripple width
Valid
MTX, KB
CPU
CPU
CPU
CPU, MTX, KB
MTX, KB
CPU, MTX, KB
CPU, MTX, KB
CPU, MTX, KB
CPU, MTX, KB
CPU
CPU
CPU
CPU
Vdd
Vdd
Min.
21
80
40
40
0
Typ.
500
0
20
40
20
20
80
0
0
Max.
1
1
Unit
ms
ns
us
us
ms
ms
ms
ms
ms
ms
us
us
us
us
ms
ms
Remarks
SRD & MO
SRD
SRD
SRD
SRD
SRD
SRD
SRD
SRD
SRD & MO
SRD
SRD
SRD
SRD
AC Characteristics at 4.5 V & 6000 Hz S.R.
SRD:=Sample rate dependent; MO:=Mask optonal
Standard Code Line Up
To be Available Soon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com