Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMD4808PMB1-A..GN Datasheet(PDF) 1 Page - Sunon Fans

Part # PMD4808PMB1-A..GN
Description  Power Motor Fan
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNON [Sunon Fans]
Direct Link  https://www.sunon.com
Logo SUNON - Sunon Fans

PMD4808PMB1-A..GN Datasheet(HTML) 1 Page - Sunon Fans

  PMD4808PMB1-A..GN Datasheet HTML 1Page - Sunon Fans PMD4808PMB1-A..GN Datasheet HTML 2Page - Sunon Fans PMD4808PMB1-A..GN Datasheet HTML 3Page - Sunon Fans  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
*All model could be customized on voltage or any other requirements to fit your need.
*Specifications subject to change without notice. Please Visit SUNON web site at http://www.sunon.com for update information.
12
12
12
24
24
24
48
48
48
Model
P/N
Rating
Voltage
(VDC)
Power
Current
(AMP)
Power
Consumption
(WATTS)
Speed
(RPM)
Air
Flow
(CFM)
Static
Pressure
(Inch-H2O)
Noise
(dBA)
Weight
(g)
PMD1208PMB1-A
PMD1208PMB2-A
PMD1208PMB3-A
PMD2408PMB1-A
PMD2408PMB2-A
PMD2408PMB3-A
PMD4808PMB1-A
PMD4808PMB2-A
PMD4808PMB3-A
(2).GN
(2).GN
(2).GN
(2).GN
(2).GN
(2).GN
(2).GN
(2).GN
(2).GN
Airflow (CFM)
59.5~84.1 CFM
80x80x38 mm
47
B1
9.1
6.4
4.4
9.6
7.2
4.8
9.1
6.7
4.8
0.76
0.53
0.37
0.40
0.30
0.20
0.19
0.14
0.10
55.2
51.6
47.3
55.2
51.6
47.3
55.2
51.6
47.3
84.1
74.5
59.5
84.1
74.5
59.5
84.1
74.5
59.5
5700
4900
4200
5700
4900
4200
5700
4900
4200
0.74
0.57
0.43
0.74
0.57
0.43
0.74
0.57
0.43
175
175
175
175
175
175
175
175
175
0
0.2
0.4
0.6
0.8
0
20
40
60
80
100
B2
B3
Power Motor Fan
( Units : mm )
5 0.3
+
-
300 50
+
-
4 0.3
+
-
4 0.3
+
-
38 0.3
+
-
+-
8-
4.3
0.3
UL1007,#24AWG
AIR FLOW
INLET
OUTLET
Bearing
VAPO
2BALL


Similar Part No. - PMD4808PMB1-A..GN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMD4808PMB1-A ETC-PMD4808PMB1-A Datasheet
198Kb / 4P
Sunon Power Motor Fan
2004/02/29
logo
Sunon Fans
PMD4808PMB1-A SUNON-PMD4808PMB1-A Datasheet
70Kb / 1P
59.5~84.1 CFM
More results

Similar Description - PMD4808PMB1-A..GN

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8267S PANASONIC-AN8267S Datasheet
53Kb / 5P
Fan Motor Driver
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
Fan Motor Driver
LB11988H SANYO-LB11988H Datasheet
78Kb / 8P
Fan Motor Driver
logo
ON Semiconductor
LB11988V ONSEMI-LB11988V Datasheet
89Kb / 6P
Fan Motor Driver
May, 2013
LA6587FA ONSEMI-LA6587FA Datasheet
81Kb / 5P
Fan Motor Driver
May, 2013
LB11852FV ONSEMI-LB11852FV Datasheet
172Kb / 12P
For Fan Motor
September, 2013
logo
Princeton Technology Co...
PT2581 PTC-PT2581 Datasheet
397Kb / 7P
Fan-Motor Controller
logo
List of Unclassifed Man...
KDE0504PKV1 ETC-KDE0504PKV1 Datasheet
145Kb / 3P
MagLev Motor Fan
PMD1238PKBX-A ETC-PMD1238PKBX-A Datasheet
198Kb / 4P
Sunon Power Motor Fan
2004/02/29
MF20100V1-1000U-A99 ETC-MF20100V1-1000U-A99 Datasheet
327Kb / 14P
MagLev Motor Fan
11.30.2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com