Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4961-5M Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE4961-5M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4961-5M Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE4961-5M Datasheet HTML 35Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 36Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 37Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 38Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 39Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 40Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 41Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 42Page - Infineon Technologies AG TLE4961-5M Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
39
Infineon’s family of TLE499x linear Hall ICs is tailored to the needs of highly accurate angular and linear position detection
and current measurement applications. Each product measures the vertical component of a magnetic field and outputs
a signal that is directly proportional to the magnetic field. These programmable linear Hall sensors come with different
interface options: TLE4997 features ratiometric analog output, while TLE4998P comes with pulse width modulation (PWM),
TLE4998S with single edge nibble transmission (SENT), and TLE4998C with short PWM codes (SPC). These high-precision
12-bit resolution linear Hall sensors feature EEPROM memory for flexible programming across a wide range of parameters.
Thanks to digital signal processing based on a 20-bit DSP architecture plus digital temperature compensation, these sen-
sors deliver outstanding temperature stability compared with similar compensation methods. TLE4998 also includes stress
compensation to withstand stress effects from the package, such as moisture, thus ensuring best-inclass accuracy over the
device’s lifetime.
Product
Programmable Number of
pins
Sensitivity
(programmable
range)
Magnetic
offset
Supply voltage
(extended range)
Automotive ISO 26262 Interface Package
TLE4997
EEPROM
3/Single
die SMD 8
±12.5 to
±300 mV/mT
< ±400 µT 5 V ±10% (7 V)
l
–
Analog
SSO-3-10
TDSO-8
TLE4998P
EEPROM
3/4/Single
die SMD 8
±0.2 to
±6%/mT
< ±400 µT 5 V ±10% (16 V)
l
Ready
PWM
SSO-3-10
SSO-4-1
SSO-3-9
(2 capacitors)
TDSO- 8
TLE4998S
EEPROM
3/4/Single
die SMD 8 ±8.2 to ±245 LSB12/mT < ±400 µT 5 V ±10% (16 V)
l
Ready
SENT
SSO-3-10
SSO-4-1
SSO-3-9
(2 capacitors)
TDSO-8
TLE4998C
EEPROM
3/4/Single
die SMD 8 ±8.2 to ±245 LSB12/mT < ±400 µT 5 V ±10% (16 V)
l
Ready
SPC
SSO-3-10
SSO-4-1
SSO-3-9
(2 capacitors
TDSO-8
TLE4999I3
EEPROM
3
±73.72 to
±147.442) LSB13/mT"
< ±300 µT 5.5–7 V ±10% (16 V)
l
Compliant PSI5
SSO-3-12
TLE4999C8/41) EEPROM
Single die
SMD 8
±36.85 to
±73.7 LSB12/mT
< ±300 µT 5 V ±10% (16 V)
l
Compliant SPC
TDSO-8
1) TLE4999C4 planned for 2022
2) 147.44 LSB13 converts to 294.88 LSB12
www.infineon.com/linear-halls
Features
› Best-in-classaccuracywithlowdriftofoutputsignaltempera-
ture range lifetime (including stress compensation in TLE4998)
› Programmabletransferfunction(gain,offset),clamping,
bandwidth, and temperature characteristics
› AEC-Q100qualified
› AvailableinvariouspackagesincludingSSO-3-9withtwointe-
grated capacitors to improve ESD and ESC behavior
› Dual-dieSMDpackage
› TLE4997,TLE4998ISO26262ready
› TLE4999fullyISO26262compliantforhighestASIL-levels
Linear sensors
TLE499x family:
programmable analog/digital linear Hall sensor family
Applications
› Detecting linear and angular position
› Detecting pedal and throttle position
› Steering torque measurement
› Headlight leveling
› High-current sensing
› Seat position and occupant detection
› Suspension control
› Detecting gear stick/lever positions
› Detecting liquid levels in fuel tanks
› Current sensing e.g. for battery management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com