Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPF701 Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # DPF701
Description  DIGITAL PLASTIC PADDLEWHEEL FLOWMETERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

DPF701 Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  DPF701 Datasheet HTML 1Page - Omega Engineering, Inc. DPF701 Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F-2
Electrical Connections: Built-in
female 12-pin M16, NEMA 4X (IP67)
connector. To be mated with 12-pin
M16 male EMI shielded NEMA 4X
(IP67) connector (sold separately)
Display: Optional local 2 x 16
characters LCD with adjustable
backlight (2 lines of text)
Keypad: Optional 4 pushbutton key pad
CE Compliant: EMC Compliance with
89/336/EEC as amended. Emission
Standard: EN 55011:1991, Group
1, Class A Immunity Standard: EN
55082-1:1992
Comes complete with operator’s manual.
For units with RS485 communications in place of RS232 add suffix
“-485” to the model number, no additional charge.
Ordering Example: FP1404, polypropylene flowmeter with display 1 to 10 GPM range, 1
⁄2 NPT connections.
Wetted Materials
Polypropylene Models
Body: Polypropylene
LID: Acrylic
Paddlewheel: PVDF
Shaft: Nickel tungsten carbide
Bearings: Sapphire jewels
O-Rings: EPDM
RTD: 316 SS casing
PVDF Models
Body: PVDF
LID: PVDF
Paddle Wheel: PVDF
Shaft: Zirconia ceramic
Bearings: Sapphire jewels
O-RINGS: PTFE
RTD: 316 SS casing
FPB1406
DPF701
Visit omega.com/dpf701
Both models shown
smaller than actual size.
Also available on remote display.
FPB1400 Series with DPF701 meter.
Visit omega.com/fpb1400
To Order
Model No.
Description
Model No.
with RTD
Ports
NPT
Maximum Pressure
Drop bar (psi)
Range
GPM
FP1402
Polypropylene flowmeter, with display
FP1402-RTD
3
⁄8
1 (15)
0.5 to 5
FP1404
Polypropylene flowmeter, with display
FP1404-RTD
1
⁄2
1.4 (20)
1 to 10
FP1406
Polypropylene flowmeter, with display
FP1406-RTD
3
⁄4
1.4 (20)
2 to 20
FP1408
Polypropylene flowmeter, with display
FP1408-RTD
1
1.4 (20)
3.5 to 35
FP1412
PVDF flowmeter, with display
FP1412-RTD
3
⁄8
1 (15)
0.5 to 5
FP1414
PVDF flowmeter, with display
FP1414-RTD
1
⁄2
1.4 (20)
1 to 10
FP1416
PVDF flowmeter, with display
FP1416-RTD
3
⁄4
1.4 (20)
2 to 20
FP1418
PVDF flowmeter, with display
FP1418-RTD
1
1.4 (20)
3.5 to 35
Accessories
DPF701
1
⁄8 DIN digital display, 115 Vac 7.5 to 13 Vdc powered
FP1400-CABLE 12-pin 2 m (6') cable



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com