Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI90LVB024LE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI90LVB024LE
Description  LVDS Dual 2x2 Crosspoint/Repeater Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVB024LE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI90LVB024LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LVB024LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVB024LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LVB024LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LVB024LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LVB024LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LVB024LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90LVB024LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI90LVB024LE Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PI90LV024, PI90LVB024
LVDS Dual 2x2 Crosspoint/Repeater Switch
7
PS8486B
08/19/04
Parameter Measurement Information
Figure 3. Test Circuit and Voltage Definitions for the Differential Output Signal
Figure 4. Test Circuit and Definitions for the Driver Common-Mode Output Voltage
�
�
�����
���������� ��
����������
����������
���������� ��
���
�
���
�������
��������� ���
�������
�����
�����
�����
���������
��
�
�
�
�����
���
���������������
����������
Notes:
1. All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1ns, pulse repetition rate (PRR) - 50 Mpps,
pulse width = 10 ±0.2ns.
2. RL = 100Ω or 50Ω ±1%.
3. CL includes instrumentation and fixture capacitance within 6mm of the D.U.T.
4. The measurement of VOC(PP) is made on test equipment with a –3dB bandwidth of at least 300 MHz.
�
�
���
�����
���������� ��
����������
����������
���������� ��
���������������
����
���
���
��
���
�
��
��
�����
�����
�����
���
�
�����
���������
�
�
�
��
Notes:
1. All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1ns, pulse repetition rate (PRR) - 50 Mpps, pulse
width = 10 ±0.2ns.
2. RL = 100Ω or 50Ω ±1%.
3. CL includes instrumentation and fixture capacitance within 6mm of the D.U.T.
4. The measurement of VOC(PP) is made on test equipment with a –3dB bandwidth of at least 300 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com