Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8211894 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8211894
Description  Electric cylinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8211894 Datasheet(HTML) 1 Page - Festo Corporation.

  8211894 Datasheet HTML 1Page - Festo Corporation. 8211894 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electric cylinder
EPRF-BS-75-400-10P-F-M1
Part number: 8211894
General operating condition
Data sheet
Feature
Value
Size
75
Stroke
400 mm
Stroke reserve
0 mm
Piston rod thread
M10
Reversing backlash
<100 µm
Screw diameter
25 mm
Spindle pitch
10 mm/U
Max. angle of rotation of the piston rod +/-
0.5 deg
Mounting position
Any
Piston rod end
Internal thread
Motor type
Servo motor
Position sensing
None
Structural design
Electric cylinder with ball screw
Spindle type
Ball screw drive
Symbol
00991941
Protection against torsion/guide
With plain-bearing guide
Max. actuator speed
3000 rpm
Max. acceleration
15 m/s²
Max. speed
500 m/s
Max. homing speed
0.01 m/s
Repetition accuracy
±0.02 mm
Duty cycle
100%
Vibration resistance
Transport application test with severity level 1 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 1 as per FN 942017-5 and EN 60068-2-27
Corrosion resistance class (CRC)
4 - Particularly high corrosion stress
LABS (PWIS) conformity
VDMA24364 zone III
Storage temperature
-20 °C ... 60 °C
Relative air humidity
0 - 95 %
Non-condensing
Degree of protection
IP69K
Ambient temperature
-10 °C ... 60 °C
Impact energy in the end positions
0.15 J
Max. driving torque
13.25 Nm
Max. torque Mx
0 Nm
Max. torque My
31.2 Nm
3/24/26 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8211894

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8211890 FESTO-8211890 Datasheet
76Kb / 2P
Electric cylinder
8211892 FESTO-8211892 Datasheet
79Kb / 2P
Electric cylinder
8211893 FESTO-8211893 Datasheet
77Kb / 2P
Electric cylinder
8211896 FESTO-8211896 Datasheet
80Kb / 2P
Electric cylinder
8211897 FESTO-8211897 Datasheet
79Kb / 2P
Electric cylinder
More results

Similar Description - 8211894

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
562761 FESTO-562761 Datasheet
117Kb / 2P
Electric cylinder
5/17/22
562764 FESTO-562764 Datasheet
101Kb / 2P
Electric cylinder
5/17/22
562766 FESTO-562766 Datasheet
102Kb / 2P
Electric cylinder
5/17/22
562767 FESTO-562767 Datasheet
101Kb / 2P
Electric cylinder
5/17/22
562771 FESTO-562771 Datasheet
101Kb / 2P
Electric cylinder
5/17/22
562773 FESTO-562773 Datasheet
107Kb / 2P
Electric cylinder
5/17/22
562777 FESTO-562777 Datasheet
107Kb / 2P
Electric cylinder
5/17/22
562779 FESTO-562779 Datasheet
107Kb / 2P
Electric cylinder
5/17/22
562784 FESTO-562784 Datasheet
119Kb / 2P
Electric cylinder
5/17/22
562793 FESTO-562793 Datasheet
119Kb / 2P
Electric cylinder
5/17/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com