Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF-R-30-25 Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # TF-R-30-25
Description  Protective PFA Tubing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

TF-R-30-25 Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  TF-R-30-25 Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
H-1
H
Protective PFA Tubing
Inside Diameter
Wall Dimensions
AWG Size
(Nominal)
Nominal
Tolerance
30
0.30 (0.012)
0.23 (0.009)
0.05 (0.002)
28
0.38 (0.015)
0.23 (0.009)
0.05 (0.002)
26
0.46 (0.018)
0.23 (0.009)
0.05 (0.002)
24
0.56 (0.022)
0.25 (0.010)
0.08 (0.003)
20
0.86 (0.034)
0.38 (0.015)
0.08 (0.003)
Dimensions: mm (inch)
TFE tubing offers superior
abrasion protection and is excellent
in insulating wires in moist or
corrosive environments where
temperatures do not exceed 260°C
(500°F). All colors and gages are in
stock for fast delivery!
Available! For long, continuous lengths—
consult factory for pricing and delivery!
Shown smaller
than actual size.
30 m (100') Spool
U
Thin Wall Construction
U
Extruded PTFE Rated
to 260°C (500°F)
U
Color Coded for Easy
Identification
U
Non-Flammable
Discount Schedule
1 to 10 feet .................................. Net
11 to 24 feet .............................. 10%
25 to 99 feet ............................. 20%
100 to 499 feet .......................... 30%
≥500 feet ................................... 35%
Create your own
insulated thermocouple!
To Order
Color
20 AWG
24 AWG
26 AWG
28 AWG
30 AWG
Black
TF-BK-20
TF-BK-24 TF-BK-26
TF-BK-28
TF-BK-30
Blue
TF-B-20
TF-B-24
TF-B-26
TF-B-28
TF-B-30
Purple
TF-P-20
TF-P-24
TF-P-26
TF-P-28
TF-P-30
Red
TF-R-20
TF-R-24
TF-R-26
TF-R-28
TF-R-30
White
TF-W-20
TF-W-24
TF-W-26
TF-W-28
TF-W-30
Yellow
TF-Y-20
TF-Y-24
TF-Y-26
TF-Y-28
TF-Y-30
To order, specify model no. and length. 25 and 100' spools stocked for fast delivery.
Other lengths available for additional cost. Minimum order, 10'. Consult sales for delivery.
Ordering Example: TF-R-24-25, red PFA tubing for 24 gage wire, 25 feet long.
Used For Research
And Development
On
Bare Wire Thermocouples,
RTDs And Fiber
Optics.
Available in
Convenient 25'
and 100'
Pre-Spooled Lengths
For Fast Off-the-Shelf
Delivery.


Similar Part No. - TF-R-30-25

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
TF-R-30 OMEGA-TF-R-30 Datasheet
203Kb / 1P
Insulators Ceramic Bead, PFA, and Fiberglass Sleeving
More results

Similar Description - TF-R-30-25

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-103-1-1-06BE GLENAIR-120-103-1-1-06BE Datasheet
240Kb / 1P
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type B - With External Black Dacron Braid
121-100-1-1-06BECE GLENAIR-121-100-1-1-06BECE Datasheet
39Kb / 1P
Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
121-101-1-1-06BECE GLENAIR-121-101-1-1-06BECE Datasheet
36Kb / 1P
Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
121-102-1-1-06BECE GLENAIR-121-102-1-1-06BECE Datasheet
37Kb / 1P
Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
121-103-1-1-06BECE GLENAIR-121-103-1-1-06BECE Datasheet
39Kb / 1P
Helical Convoluted Tubing (MIL-T-81914)Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
123-100-1-1-06BEE GLENAIR-123-100-1-1-06BEE Datasheet
36Kb / 1P
Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
logo
Hammond Manufacturing L...
PF330DCT12LGSL2 HAMMOND-PF330DCT12LGSL2 Datasheet
375Kb / 1P
PFA 30000 AUSTRITTSFILTER
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
Tubing
G120NF14 ALPHAWIRE-G120NF14 Datasheet
207Kb / 3P
Tubing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com