Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB064V02 Datasheet(PDF) 13 Page - LG Semicon Co.,Ltd.

Part # LB064V02
Description  6.4 V (640 X RGB X 480 ) TFT LCD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LB064V02 Datasheet(HTML) 13 Page - LG Semicon Co.,Ltd.

Back Button LB064V02 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 17Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Product Specification
13 / 24
LB064V02
Liquid Crystal Display
Ver. 1.0
Oct. 13, 2005
Note)
1. Contrast Ratio(CR) is defined mathematically as
Surface Luminance with all white pixels
Contrast Ratio =
Surface Luminance with all black pixels
2. Surface luminance is the center point across the LCD surface 50cm from the surface with all pixels
displaying white. For more information see FIG 1.
3. The variation in surface luminance , The Panel total variation (δ
WHITE) is determined by measuring LN
at each test position 1 through 5, and then dividing the maximum L
N of 5 points luminance by
minimum L
N of 5 points luminance. For more information see FIG 2.
δ
WHITE = Maximum(L1,L2, … L5) / Minimum(L1,L2, … L5)
4. Response time is the time required for the display to transition from white to black (rise time, Tr
R) and
from black to white(Decay Time, Tr
D). For additional information see FIG 3.
5. Viewing angle is the angle at which the contrast ratio is greater than 5. The angles are
d e t e r m i n e d
for the horizontal or x axis and the vertical or y axis with respect to the z axis which is normal to the
LCD surface. For more information see FIG 4.
100
L63
76.0
L55
14.5
L23
25.8
L31
40.0
L39
57.0
L47
5.5
L15
1.0
L7
0.3
L0
Luminance [%] (Typ)
Gray Level
6. Gray scale specification
* f
V=60Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com