Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTL007F Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MTL007F
Description  SXGA Flat Panel Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MTL007F Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MTL007F Datasheet HTML 3Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 4Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 5Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 6Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 7Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 8Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 9Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 10Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
MTL007
page 7 of 65
V/H SYNC Frequency Counter
The MTL007 can measure VSYNC/HSYNC frequency counted in proper clock and save the information in
registers. Users can read out them to calculate VSYNC/HSYNC frequency as following formulas:
fvsync = fosc / Nvsync ✕1/256
fhsync = fosc / Nhsync ✕8
,Where fvsync
: VSYNC frequency
fhsync
: HSYNC frequency
fosc
: oscillator clock with 14.31818 MHz
Nvsync
: counted number of VSYNC
Nhsync : counted number of HSYNC
V/H SYNC Presence Check
This function checks the input VSYNC, where Vpre flag is set when VSYNC is over 40Hz or cleared when
VSYNC is under 10Hz, and the input HSYNC, where Hpre flag is set when HSYNC is over 10Khz or cleared
when HSYNC is under 10Hz.
V/H Polarity Detect
This function detects the input VSYNC/HSYNC high and low pulse duty cycles. If the high pulse duration is
longer than that of the low pulse, the negative polarity is asserted; otherwise, positive polarity is asserted.
Composite SYNC separation/insertion
The MTL007 continuously monitors the input HSYNC. If the input VSYNC can be extracted from it, a CVpre flag
is set. The MTL007 can insert HSYNC pulse during Composite VSYNC’s active time and the insertion frequency
can adapt to original HSYNC’s.
viii) Auto Tune
Auto Tune function consists of Auto Position automatically centering the screen and Auto Calibration containing
Phase Calibration, Histogram, Min/Max Value, and Pixel Grab described as below. With this auto adjustment
support, it is possible to measure the correct phase, frequency, gain, and offset of ADC. The horizontal and
vertical back porches of input image and the horizontal and vertical active regions can also be measured.
Firmware can adjust input image registers automatically by reading Auto Tune’s registers in single or burst
mode.
Auto Position
The MTL007 provides Horizontal/Vertical back porch and active region values. Users can use these values to
set input sample registers to aid in centering the screen automatically.
Phase Calibration
The MTL007 provides Auto Calibration registers to measure the quality of current ADC’s phase and frequency.
The biggest Auto Calibration registers value means the right value of ADC’s phase and frequency. The MTL007
has two kinds of algorithms to calculate Auto Calibration’s value. One is traditional Difference method; the other
is MYSON’s proprietary method. It is suggested to use the latter one for better performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com