Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1X12/2 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # LP1X12/2
Description  LP SERIES XENON BEACONS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LP1X12/2 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  LP1X12/2 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
See page 19 for accessories.
2
LP Xenon
LP SERIES XENON BEACONS
Features:
A range of 1W, 2W and 5W low profile Xenon beacons.
• Low current consumption
• Available in 12, 24, 110 and 230V versions
• Multivoltage option (10–100Vdc, 20–72Vac)
• Weatherproof to IP67
• 360° visibility
• 12 months’ guarantee
Mounting Options:
See LP–LED page for mounting options.
Materials:
Polycarbonate lens and base. ROHS compliant.
CE – certified to EMC directive 89/336/EC.
Complies with low voltage directive 2006/95/EC.
High voltage transient and polarity reversal protected.
Operating temperature: –20ºC to + 55ºC.
Description
Power
Voltage
Voltage
Range
Current Consumption
Clear
Amber
Red
Blue
Green
LP1X12/1
1W
12Vdc
10-15vdc
115mA @ 12Vdc
412021
412022
412023
412024
412025
LP1X24/1
1W
24Vdc
20-30Vdc
55mA @ 24Vdc
412031
412032
412033
412034
412035
LP1XMV/1
1W
Multivoltage
10-100Vdc
20-72Vac
112mA @ 12Vdc, 63mA @ 24Vdc
50mA @ 50Vac, 29mA @ 100Vac
412051
412052
412053
412054
412055
LP1X12/2
2W
12Vdc
10-15vdc
220mA @ 12Vdc
440001
440002
440003
440004
440005
LP1X24/2
2W
24Vdc
20-30Vdc
110mA @ 24Vdc
440021
440022
440023
440024
440025
LP4XMV/2
2W
Multivoltage
10-100Vdc
20-72Vac
130mA @ 12Vdc, 95mA @ 24Vdc
83mA @ 50Vac, 37mA @ 100Vac
412061
412062
412063
412064
412065
LP4XMV/5
5W
Multivoltage
10-100Vdc
20-72Vac
250mA @ 12Vdc, 200mA @ 24Vdc
112mA @ 50Vac, 60mA @ 100Vac
412091
412092
412093
412094
412095
LP1X110/2ac
2W
110Vac
90-125Vac
100mA @ 110Vac
441001
441002
441003
441004
441005
LP1X230/2ac
2W
230Vac
207-253Vac
40mA @ 230Vac
441021
441022
441023
441024
441025
76 mm
5W Beacons 48 mm
1W & 2W Beacons 44mm
45 mm
22.5 mm
3 x 5.5mm holes
LP4XMV/2
75/min
single flash
(all beacons)
IP67
(all beacons)
100gms
(1/2W beacons)
110gms
(5W beacons)
LP4XMV/5
All other beacons
60/min


Similar Part No. - LP1X12/2

ManufacturerPart #DatasheetDescription
logo
Altech corporation
LP10 ALTECH-LP10 Datasheet
455Kb / 1P
30 mm Legend Plates LPxxx (xxx= Title)
logo
Superworld Electronics
LP10-1200 SUPERWORLD-LP10-1200 Datasheet
108Kb / 1P
POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
LP10-1200B2 PULSE-LP10-1200B2 Datasheet
152Kb / 1P
Laminated Transformers
LP10-1200B2 PULSE-LP10-1200B2 Datasheet
147Kb / 4P
IGNITION TRANSFORMERS
logo
Superworld Electronics
LP10-2400 SUPERWORLD-LP10-2400 Datasheet
110Kb / 1P
POWER TRANSFORMER
More results

Similar Description - LP1X12/2

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
PE1000D-13F PERKINELMER-PE1000D-13F Datasheet
64Kb / 2P
CERMAX XENON ARC LAMPS
PE300BF PERKINELMER-PE300BF Datasheet
63Kb / 2P
CERMAX XENON ARC LAMPS
PE500DF PERKINELMER-PE500DF Datasheet
63Kb / 2P
CERMAX XENON ARC LAMPS
logo
Hamamatsu Corporation
L7684 HAMAMATSU-L7684 Datasheet
160Kb / 4P
60 W XENON FLASH LAMP SERIES
L7810 HAMAMATSU-L7810 Datasheet
90Kb / 2P
Calibrated Xenon Light Source
logo
Advanced XTAL Products
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
OCXO for Cospas-Sarsat Beacons
2007-10-17
logo
Hamamatsu Corporation
L11033 HAMAMATSU-L11033 Datasheet
121Kb / 2P
LONG LIFE XENON LAMP SERIES
logo
List of Unclassifed Man...
51A-G1 ETC2-51A-G1 Datasheet
556Kb / 2P
Beacons with Horn Flashing Incandescent
LEDS100-01 ETC2-LEDS100-01 Datasheet
3Mb / 1P
Industrial LED ECO Beacons
LED-TLM-02 ETC2-LED-TLM-02 Datasheet
3Mb / 1P
Industrial LED ECO Beacons
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com