Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3760-0. Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3760-0.
Description  Standard Binding Post
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3760-0. Datasheet(HTML) 1 Page - Pomona Electronics

  3760-0. Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90201 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d3750_60_70_1_01.doc
Page 1 of
1
Model 3750, 3760 & 3770
Standard Binding Post
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Mounts in panels from 1.57 (.062) to 6.35 (.250) thick.
• Crosshole is perpendicular with flat on mounting base.
MATERIALS:
Insulated Captive Thumb Nut: Brass
Insulation: Polycarbonate
Mounting Base: Polycarbonate
Insulator: Polycarbonate
Lockwasher: Steel
Hex Nut: Brass
Binding Post:
Finish: 3750 – Gold plated brass
3760 – Bright tin plated brass
3770 – Gold plated Tellurium Copper
RATINGS:
Operating Voltage: Hand-held testing: 30VAC/60VDC Max.
Hands free testing in controlled voltage environments: 2500 WVDC Max.
Operating Temperature: +115ºC (+239ºF) Max.
Current: 15 Amperes
ORDERING INFORMATION: Model 3770-*
*=Color, -0 Black, -1 Brown, -2 Red, -3 Orange, -4 Yellow, -5 Green, -6 Blue, -7 Violet, -8 Gray, -9 White
Ordering Example: 3770-2 Color is Red


Similar Part No. - 3760-0.

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3760-0 POMONA-3760-0 Datasheet
72Kb / 1P
Standard Binding Post
More results

Similar Description - 3760-0.

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3750 POMONA-3750 Datasheet
72Kb / 1P
Standard Binding Post
logo
Winchester Electronics ...
SDK-952AJ WINCHESTER-SDK-952AJ Datasheet
36Kb / 1P
BINDING POST
SDK-952D WINCHESTER-SDK-952D Datasheet
48Kb / 1P
POST, BINDING
logo
List of Unclassifed Man...
4170 ETC2-4170 Datasheet
253Kb / 1P
STANDARD BINDING POST STRIP
4171 ETC2-4171 Datasheet
255Kb / 1P
STANDARD BINDING POST STRIP
logo
3M Electronics
3770-0 3M-3770-0 Datasheet
72Kb / 1P
Standard Binding Post
Rev 101
logo
List of Unclassifed Man...
BU-P3750-0 ETC2-BU-P3750-0 Datasheet
200Kb / 1P
Standard Binding Post
BU-P3770-0 ETC2-BU-P3770-0 Datasheet
199Kb / 1P
Standard Binding Post
logo
Keystone Electronics Co...
4184 KEYSTONE-4184 Datasheet
145Kb / 1P
STANDARD BINDING POST STRIP
10.10.01
logo
SparkFun Electronics
PRT-09740 SPARKFUN-PRT-09740 Datasheet
112Kb / 2P
Binding Post - Black
7????7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com