Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAP3305ASR Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # PHAP3305ASR
Description  Tact switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHAP3305ASR Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button PHAP3305ASR Datasheet HTML 6Page - List of Unclassifed Manufacturers PHAP3305ASR Datasheet HTML 7Page - List of Unclassifed Manufacturers PHAP3305ASR Datasheet HTML 8Page - List of Unclassifed Manufacturers PHAP3305ASR Datasheet HTML 9Page - List of Unclassifed Manufacturers PHAP3305ASR Datasheet HTML 10Page - List of Unclassifed Manufacturers PHAP3305ASR Datasheet HTML 11Page - List of Unclassifed Manufacturers PHAP3305ASR Datasheet HTML 12Page - List of Unclassifed Manufacturers PHAP3305ASR Datasheet HTML 13Page - List of Unclassifed Manufacturers PHAP3305ASR Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
APEM
www.apem.com
C-15
PHAP33 series
Through-hole tact switches
Sealed - 7,2 x 7,2 mm or 10 x 10 mm case
C
10 x 10 mm case - straight terminals
Operating force : 1,6N ± 0,5N - Travel : 0,50 mm
7,2 x 7,2 mm case - straight terminals - grounding or not
• Dust and splash proof
• Crimped terminals for direct mounting onto PCB
• With or without grounding tab for protection against electrostatic
discharges
• Moulded-in terminals for wave soldering
0.70
(.027)
(.197)
5.00
L
(.197)
5.00
(.154)
3.90
(.283)
7.20
(.039)
1.00
(.102)
1
2
4
3
5
5
13
4
2
2.60
Grounding
Dim. «L»
Non grounding
Dim. «L»
PHAP3350
5,0 mm
PHAP3350A
9,0 mm
PHAP3350B
13,0 mm
7,2 x 7,2 mm case - right angle terminals
(.350)
(.098)
L
(.118)
3.00
2.50
(.197)
(.307)
8.90
7.80
5.00
(.220)
5.60
3.50
(.138)
8.00
(.315)
(.039 DIA)
(.043 DIA)
Ø1.10
Ø1.00
2.50
(.098)
1
2
3
4
4
3
2
1
Model No
Dim. «L»
PHAP3352
4,35 mm
PHAP3352A
8,35 mm
PHAP3352B
12,35 mm
(.236)
6.00
(.461)
Ø3.80
(.150 DIA)
(.394)
10.00
3
4
1
2
0.30
(.012)
(.028)
0.70
11.70
10.30
(.406)
6.00
(.236)
(.039 DIA)
Ø1.00
3
4
1
2
1
2
3
4
Model No
PHAP3353
PHAP3351
5,0 mm
PHAP3351A
9,0 mm
PHAP3351B
13,0 mm
Operating force : 2N ± 0,3N - Travel : 0,50 mm
Operating force : 2N ± 0,3N - Travel : 0,50 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com