Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICS-5131 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MICS-5131
Description  Ethanol Gas Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MICS-5131 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MICS-5131 Datasheet HTML 1Page - List of Unclassifed Manufacturers MICS-5131 Datasheet HTML 2Page - List of Unclassifed Manufacturers MICS-5131 Datasheet HTML 3Page - List of Unclassifed Manufacturers MICS-5131 Datasheet HTML 4Page - List of Unclassifed Manufacturers MICS-5131 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M i c r o C h e m i c a l S y s t e m s
P R O D U C T D A T A S H E E T
MiCS-5131 Product Data Sheet
Page 3 of 5
Doc NO: 0178 Rev. B
Fig. 6: Temperature dependence of baseline
resistance Rair for 20%, 50%, 70% and 90% RH.
Cross Sensitivity:
The following figure illustrates the MiCS-5131 cross
sensitivity to CH4, CO, C2H5OH and H2.
Response time:
A typical response curve under laboratory conditions is
shown in figure 5. The test gas is 60ppm of C2H5OH and
the sensing resistance reaches 90% of its final change in
about one second.
Temperature and Humidity
dependence:
Temperature and humidity also affect the resistance value
of the sensor. Humidity is water (H2O) in gas phase, which
reacts with the sensing layer like a reducing gas.
Increasing humidity causes a decrease of the sensing
resistance. As for the temperature, the effect is the same
as for the humidity, i.e. decreasing resistance with
increasing temperature. This negative temperature
coefficient is due to the semiconductor properties of the
sensing layer material.
0.1
1
10
100
1000
concentration [ppm]
CH4
CO
C2H5OH
H2
0.1
1
10
0
20
40
60
80
Temperature [°C]
Rs/Ro 20%
Rs/Ro 50%
Rs/Ro 70%
Rs/Ro 90%
0
0.2
0.4
0.6
0.8
1
1.2
-10
-5
0
5
10
time [second]
Fig. 5: Response time to 60ppm C2H5OH
Fig. 4: Sensitivity to CO, H2, CH4, and C2H5OH at
25°C and 50% RH.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com