Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2FF Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # ES2FF
Description  SUPERFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

ES2FF Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  ES2FF Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. ES2FF Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES2AF THRU ES2KF
Features
· The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
· Ideal for printed circuit board
· Glass passivated Junction chip
· Low reverse leakage
· High forward surge current capability
· High temperature soldering guaranteed
250 /10 sec at terminals
Maximum Ratings and Electrical Characteristics
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Operating and storage temperature range
Maximum DC reverse current
at rated DC blocking voltage
TA=25
TA=125
Items
Mechanical Data
· Case : SMAF Molded plastic body
· Polarity : Polarity symbol marking on body
· Mounting Position : Any
Dimensions in inches and (millimet
1.0
-55 to +150
SUPERFAST RECOVERY RECTIFIER
CURRENT 2.0 A
VOLTAGE 50 to 800 V
50
50
Maximum average rectified output current
at TL=100
Maximum DC blocking voltage
2.0
2.0
50
Maximum instantaneous forward voltage at 2.0A
500
5.0
sine-wave superimposed on rated load
100
100
200
140
200
400
280
400
420
Typical junction capactiance
55
ES2AF ES2BF
150
105
150
ES2CF
210
ES2FF
ES2DF
ES2GF ES2JF
800
800
ES2KF
Typical thermal resistance
Maximum reverse recovery time
Symbols
VRRM
VRMS
I
T TSTG
IFSM
IR
CJ
VDC
VF
TRR
R JA
80
V
Units
A
A
V
V
pF
ns
V
Notes:
F
R
RR
=0.25A
https://dec.co.kr
DAESAN ELECTRONIC CORP.
SMAF
MIN.


Similar Part No. - ES2FF

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
ES2FF DAESAN-ES2FF Datasheet
518Kb / 2P
SUPERFAST RECOVERY RECTIFIER
More results

Similar Description - ES2FF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1600CT PANJIT-ER1600CT Datasheet
41Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
SF801F PACELEADER-SF801F Datasheet
585Kb / 2P
SUPERFAST RECOVERY RECTIFIER
SF1001CT PACELEADER-SF1001CT Datasheet
583Kb / 2P
SUPERFAST RECOVERY RECTIFIER
SF1001FCT PACELEADER-SF1001FCT Datasheet
581Kb / 2P
SUPERFAST RECOVERY RECTIFIER
SF1601CT PACELEADER-SF1601CT Datasheet
730Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Continental Device Indi...
MUR420 CDIL-MUR420 Datasheet
193Kb / 5P
SUPERFAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
SF2001CT PACELEADER-SF2001CT Datasheet
208Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SF51 KOOCHIN-SF51 Datasheet
306Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
SF3X HORNBY-SF3X Datasheet
255Kb / 3P
SUPERFAST RECOVERY RECTIFIER
logo
DAESAN ELECTRONIC CORP.
ES3A DAESAN-ES3A_V01 Datasheet
576Kb / 2P
SUPERFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com