Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDS102FVF Datasheet(PDF) 1 Page - Holland Electronics

Part # BDS102FVF
Description  Vertical True Flex™ Filtered Splitters Model BDS100FVF Broadband Digital Splitter Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics

BDS102FVF Datasheet(HTML) 1 Page - Holland Electronics

  BDS102FVF Datasheet HTML 1Page - Holland Electronics BDS102FVF Datasheet HTML 2Page - Holland Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change at
Amphenol Broadband Solutions discretion
amphenolbroadband.com | ABS: 800-677-2288 | LATAM: 805-339-9060 | Toll Free: 800-628-4511
DS-65-0212 Rev. 1.0
Description:
Filtered splitters have a built in high pass filter. Zinc die cast
housing and fully soldered back ensure the best electrical
performance in a variety of splitter types and outputs. Precisely
engineered electrical components and materials guarantee
peak performance in every condition, location and environment.
Broadband digital splitters are designed to meet the highest
technical performance in the broadband industry. Trust your
network with the Amphenol Broadband Solutions Digital Splitter.
Vertical True Flex™ Filtered Splitters
Model BDS100FVF
Broadband Digital Splitter Series
Features & Benefits:
• 1 GHz performance capabilities
• Built in High Pass Filter
• Lower Number of Interfaces
• Reduces Installation Time
• Conserves Labor Cost
• Lowers Product Cost
• Perfect for Infinity Premise Enclosure
Applications:
Premise, Multi-Dwelling Units (MDU) and Business.
BDS102FVF


Similar Part No. - BDS102FVF

ManufacturerPart #DatasheetDescription
logo
Holland Electronics
BDS102H HOLLAND-BDS102H Datasheet
3Mb / 2P
Vertical True Flex™/Horizontal Splitters Model BDS100H/VF Broadband Digital Splitter Series
More results

Similar Description - BDS102FVF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STDLVA-90001 ETC2-STDLVA-90001 Datasheet
302Kb / 1P
BROADBAND DLVA MODEL
logo
Glenair, Inc.
240-790-069 GLENAIR-240-790-069 Datasheet
303Kb / 6P
Series 79 Filtered Filtered Cable Receptacle
logo
Integrated Device Techn...
ZSPM1025C IDT-ZSPM1025C Datasheet
1Mb / 38P
True Digital PWM Controller
ZSPM1035A IDT-ZSPM1035A Datasheet
1Mb / 45P
True Digital PWM Controller
ZSPM1363 IDT-ZSPM1363 Datasheet
58Kb / 2P
True Digital PWM
logo
API Technologies Corp
1507R APITECH-1507R Datasheet
538Kb / 1P
Broadband Resistive Power Splitter
1534 APITECH-1534 Datasheet
519Kb / 1P
Broadband Resistive Power Splitter
1579 APITECH-1579 Datasheet
519Kb / 1P
Broadband Resistive Power Splitter
1593 APITECH-1593 Datasheet
511Kb / 1P
Broadband Resistive Power Splitter
1870A APITECH-1870A Datasheet
516Kb / 1P
Broadband Resistive Power Splitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com