Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF-1002-70 Datasheet(PDF) 1 Page - Holland Electronics

Part # LPF-1002-70
Description  Point of Entry Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics

LPF-1002-70 Datasheet(HTML) 1 Page - Holland Electronics

  LPF-1002-70 Datasheet HTML 1Page - Holland Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change at
Amphenol Broadband Solutions discretion
amphenolbroadband.com | Customer Service: 1-800-677-2288
DS-65-0170 Rev. 2.0
Point of Entry Filter
LPF-1002-70
LPF-1002-70
Item
Min
Typical
Max
Unit
Frequency Range
5 - 3000
MHz
Impedance
75
Ω
Pass Band
3.05
5 - 1002
MHz
Insertion Loss (5 - 65 MHz)
0.1
0.1
dB
Insertion Loss (65 - 80 MHz)
0.5
0.75
dB
Insertion Loss (860 - 1002 MHz)
1.5
2.0
dB
Return Loss (5 - 65 MHz)
18
18
dB
Return Loss (65 - 80 MHz)
16
17
dB
Return Loss (860 - 1002 MHz)
16
17
dB
Stop Band
1125 - 3000
MHz
Rejection (1125 - 2000 MHz)
70
70
dB
Operating Temperature
-40 ~60
˚C
Humidity
0% to 100% relative humidity
Withstanding Tightening Torque Female “F” Port
60
Inch.lbs
Withstanding Tightening Torque Male “F” Port
60
Inch.lbs
Conforms to ANSI/SCTE 81 2003, IEEE C62.41-1991 Cat. B3 waveform, 6kV 3000A
Specifications:
Model No.:
LPF-1002-70
Low Pass Filter
A MoCA Multimedia Network is a local area network
characterized by wide bandwidth RF signal streams
operating at high signal levels above the 1GHz CATV
band at 1125 to 1675 MHz. These networks must be
isolated from each other to prevent interference and
failure. Due to the common, party-line nature of the
CATV plant, a low pass filter can be used effectively to
stop the MoCA signal traffic from leaking across the
network boundaries. This is known as a Point Of Entry
filter. The LPF-1002-70 offers up to -70 dB rejection at
these frequencies.


Similar Part No. - LPF-1002-70

ManufacturerPart #DatasheetDescription
logo
Holland Electronics
LPF-1002-70-SS HOLLAND-LPF-1002-70-SS Datasheet
3Mb / 1P
Point of Entry (POE) Filter
More results

Similar Description - LPF-1002-70

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSNS10 CUI-VSNS10 Datasheet
73Kb / 2P
Point of Load Converter
VPOL5A-12-SIP CUI-VPOL5A-12-SIP Datasheet
248Kb / 12P
point of load converter
VPOL10A-12W-SIP CUI-VPOL10A-12W-SIP Datasheet
562Kb / 13P
point of load converter
VPOL15A-5-SMT CUI-VPOL15A-5-SMT Datasheet
256Kb / 11P
point of load converter
VPOL16A-12-SIP CUI-VPOL16A-12-SIP Datasheet
301Kb / 12P
point of load converter
VPOL20A-12W-SIP CUI-VPOL20A-12W-SIP Datasheet
685Kb / 14P
point of load converter
VPOL20A-12W-SMT CUI-VPOL20A-12W-SMT Datasheet
703Kb / 14P
point of load converter
logo
Cherry Semiconductor Co...
G81-8040 CHERRY-G81-8040 Datasheet
98Kb / 2P
POINT OF SALE
logo
CUI INC
VPOL5A-12-SMT CUI-VPOL5A-12-SMT_V01 Datasheet
2Mb / 11P
POINT OF LOAD CONVERTER
11/02/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP_V01 Datasheet
2Mb / 11P
POINT OF LOAD CONVERTER
10/14/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com