Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHVL-3R9H305-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # PHVL-3R9H305-R
Description  PHVL Supercapacitors Cylindrical packs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PHVL-3R9H305-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  PHVL-3R9H305-R Datasheet HTML 1Page - Eaton All Rights Reserved. PHVL-3R9H305-R Datasheet HTML 2Page - Eaton All Rights Reserved. PHVL-3R9H305-R Datasheet HTML 3Page - Eaton All Rights Reserved. PHVL-3R9H305-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data ELX1022
Effective February 2021
PHVL Supercapacitors
Cylindrical packs
www.eaton.com/electronics
Ratings
Capacitance
0.47 F to 5.0 F
Working voltage8
3.9 V
Surge voltage8
5.0 V
Capacitance tolerance
-10% to +30% (+20 °C)
Operating temperature range
-40 °C to +65 °C
Extended operating temperature range
-40 °C to +85 °C
Specifications
Capacitance1 (F)
Vertical
part number
Horizontal part
number
Maximum
initial ESR1
(Ω)
Peak
current5
(A)
Nominal
leakage
current2
(µA)
Peak
power4
(W)
Stored
energy3
(mWh)
Short circuit
current**6
(A)
0.47
PHVL-3R9V474-R PHVL-3R9H474-R
0.40
0.77
1.0
9.5
0.993
9.75
1.5
PHVL-3R9V155-R PHVL-3R9H155-R
0.16
2.35
2.0
23.8
3.17
24.3
2.5
PHVL-3R9V255-R PHVL-3R9H255-R
0.08
4.06
4.0
47.5
5.28
48.8
3.0
PHVL-3R9V305-R PHVL-3R9H305-R
0.08
4.71
4.0
47.5
6.34
48.8
5.0
PHVL-3R9V505-R PHVL-3R9H505-R
0.07
7.22
5.0
54.3
10.6
55.7
** Repeated short circuit current will permanently damage the leads.
Performance
Parameter
Capacitance change
(% of initial value)
ESR
(% of maximum initial value)
Lifetime: (3.9 V; 2 years @ +65 °C, 5,000 hours @ +85 °C)
≤ 30%
≤ 200%
Charge/discharge cycles7: (500,000 at +20 °C)
≤ 30%
≤ 200%
Storage: Low and high temperature (1000 hours @ -40 °C and +85 °C)
≤ 30%
≤ 200%
1. Capacitance, Equivalent series resistance (ESR) and leakage current are measured according to IEC62391-1
2. Leakage current at +20 °C after 72 hour charge and hold.
3. Stored energy (mWh) = 0.5 x V2 x C
3600
4. Peak power (W) =
V2
4 x ESR
5. Pulse current for 1 second from full rate voltage to half voltage.(A) = 0.5 x V x C
(1 + ESR x C)
6. Short circuit current is for safety information only. Do not use as operating current.
7. Cycling between rated voltage and half voltage, 3 second rest at +20 °C.
8. Voltage testing and verification of product under end application conditions is recommended
Safety and certifications
Environmental compliance
RoHS, REACH, lead free, halogen free
Warnings
Do not overvolatgae, do not reverse polarity
Shipping
No restrictions, per UN3499 with all cells <10 watt-hours
x1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com