Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2TC0402 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P2TC0402
Description  High Precision Wraparound - ± 2 ppm/°C TCR Thin Film Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P2TC0402 Datasheet(HTML) 2 Page - Vishay Siliconix

  P2TC0402 Datasheet HTML 1Page - Vishay Siliconix P2TC0402 Datasheet HTML 2Page - Vishay Siliconix P2TC0402 Datasheet HTML 3Page - Vishay Siliconix P2TC0402 Datasheet HTML 4Page - Vishay Siliconix P2TC0402 Datasheet HTML 5Page - Vishay Siliconix P2TC0402 Datasheet HTML 6Page - Vishay Siliconix P2TC0402 Datasheet HTML 7Page - Vishay Siliconix P2TC0402 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
P2TC
www.vishay.com
Vishay Sfernice
Revision: 13-Nov-2020
2
Document Number: 53080
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters (inches)
CASE SIZE
AB
C
D/E
MAX. TOL.
+0.152 (+0.006)
MIN. TOL.
-0.152 (-0.006)
MAX. TOL.
+0.127 (+0.005)
MIN. TOL.
-0.127 (-0.005)
NOMINAL
NOMINAL
NOMINAL
TOLERANCE
0402
1.00 (0.039)
0.60 (0.024)
0.5 (0.02)
± 0.127 (0.005)
0.25 (0.010)
0.1 (0.004)
0603
1.52 (0.060)
0.85 (0.033)
0.38 (0.015)
0.13 (0.005)
0805
1.91 (0.075)
1.27 (0.050)
1206
3.06 (0.120)
1.60 (0.063)
0.40 (0.016)
2010
5.08 (0.200)
2.54 (0.100)
0.48 (0.019)
SUGGESTED LAND PATTERN (to IPC-7351A)
CHIP SIZE
DIMENSIONS in millimeters (inches)
Zmax.
Gmin.
Xmax.
0402
1.55 (0.061)
0.15 (0.006)
0.73 (0.029)
0603
2.37 (0.093)
0.35 (0.014)
0.98 (0.039)
0805
2.76 (0.109)
0.74 (0.029)
1.40 (0.055)
1206
3.91 (0.154)
1.85 (0.073)
1.73 (0.068)
2010
5.93 (0.233)
3.71 (0.146)
2.67 (0.105)
TEMPERATURE COEFFICIENT
TYPICAL TCR
(ppm/°C)
TYPICAL TCR AND MAX. SPREAD
(ppm/°C)
± 2
± 2 ± 2
A
D
D
C
E
E
B
G
min.
Z
max.
X
max.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com