Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMMT-EC-40-M-ES-R1SCB Datasheet(PDF) 2 Page - Festo Corporation.

Part # EMMT-EC-40-M-ES-R1SCB
Description  Servo Motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMMT-EC-40-M-ES-R1SCB Datasheet(HTML) 2 Page - Festo Corporation.

  EMMT-EC-40-M-ES-R1SCB Datasheet HTML 1Page - Festo Corporation. EMMT-EC-40-M-ES-R1SCB Datasheet HTML 2Page - Festo Corporation. EMMT-EC-40-M-ES-R1SCB Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
UKCA marking (see declaration of conformity)
To UK RoHS instructions
To UK instructions for electrical equipment
Certificate issuing authority
UL E342973
Nominal operating voltage DC
48 V
Type of winding switch
Star inside
Number of pole pairs
5
Stall torque
0.45 Nm
Nominal torque
0.44 Nm
Peak torque
1.32 Nm
Nominal rotary speed
3000 rpm
Max. rotational speed
5770 rpm
Max. mechanical speed
15000 rpm
Angular acceleration
≤100000 rad/s²
Motor nominal power
138 W
Continuous stall current
5.2 A
Motor nominal current
5.2 A
Peak current
20 A
Motor constants
0.085 Nm/A
Standstill torque constant
0.1 Nm/A
Voltage constant, phase-to-phase
5.8 mVmin
Phase-phase winding resistance
0.87 Ohm
Winding inductance phase-phase
0.89 mH
Winding longitudinal inductivity Ld (phase)
0.34 mH
Cross inductivity Lq (phase)
0.45 mH
Electric time constant
1.02 ms
Thermal time constant
21.4 min
Thermal resistance
1.35 K/W
Measuring flange
200 x 200 x 15 mm, steel
Total output inertia moment
0.076 kgcm²
Product weight
800 g
Permissible axial shaft load
30 N
Permissible radial shaft load
150 N
Rotor position sensor
Absolute encoder, single-turn
Rotor position sensor for manufacturer designation
Festo iC-MHM
Rotor position encoder for absolutely detectable revolutions
1
Rotor position sensor interface
BiSS-C
Rotor position sensor measuring principle
Magnetic
Rotor position encoder for DC operating voltage
5 V
Rotor position encoder for DC operating voltage range
4.5 V ... 5.5 V
Rotor position encoder for positional values per revolution
65536
Rotor position sensor resolution
16 bit
Rotor position encoder system accuracy angle measurement
-1800 arcsec ... 1800 arcsec
Brake holding torque
0.45 Nm
Brake DC operating voltage
24 V
Brake current consumption
0.34 A
Brake power consumption
8.2 W
Brake coil resistance
70.9 Ohm
Brake coil inductivity
146 mH
Brake separation time
≤28 ms
Brake closing time
41 ms
DC brake response delay
≤8 ms
Max. brake no-load speed
12000 rpm
Max. friction work per braking operation
1500 J
4/3/26 - Subject to change - Festo SE & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com