Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P20VMP6T Datasheet(PDF) 28 Page - STMicroelectronics

Part # M25P20VMP6T
Description  1 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P20VMP6T Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M25P20VMP6T Datasheet HTML 24Page - STMicroelectronics M25P20VMP6T Datasheet HTML 25Page - STMicroelectronics M25P20VMP6T Datasheet HTML 26Page - STMicroelectronics M25P20VMP6T Datasheet HTML 27Page - STMicroelectronics M25P20VMP6T Datasheet HTML 28Page - STMicroelectronics M25P20VMP6T Datasheet HTML 29Page - STMicroelectronics M25P20VMP6T Datasheet HTML 30Page - STMicroelectronics M25P20VMP6T Datasheet HTML 31Page - STMicroelectronics M25P20VMP6T Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
M25P10-A
28/41
Table 8. Power-Up Timing and VWI Threshold
Note: 1. These parameters are characterized only.
INITIAL DELIVERY STATE
The device is delivered with the memory array
erased: all bits are set to 1 (each byte contains
FFh). The Status Register contains 00h (all Status
Register bits are 0).
Symbol
Parameter
Min.
Max.
Unit
tVSL1
VCC(min) to S low
10
µs
tPUW1
Time delay to Write instruction
1
10
ms
VWI1
Write Inhibit Voltage
1
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com