Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFA3351 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TFA3351
Description  IC for Electronic Ballasts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TFA3351 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TFA3351 Datasheet HTML 3Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 4Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 5Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 6Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 7Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 8Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 9Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 10Page - List of Unclassifed Manufacturers TFA3351 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Characteristics
with Tamb = 25 °C, VCC = 10 V, unless specified otherwise
Pin
Symbol
min
typ
max
unit
range for internal voltage
VCC
Vlim
10.8
11.4
12
V
limitation
quiescent current
VCC
ICC(on)
1.25
1.5
mA
consumption
trigger repeat rate with
TR
tTRW
900
1000
1100
µs
CClock = 82pF
output pulse current
TR
ITRM
400
650
850
mA
on 10
Ω
output pulse width with
TR
tTR
0.6
0.9
1.5
µs
90% amplitude
saturation voltage of
TR
VTRsat
380
500
mV
turn-off transistor
with I=450 mA
saturation voltage of
S
VSsat
0.2
0.45
V
switching output
response level of error
EI
KOL
230
250
275
mV
voltage
switching point of
TS
95
105
115
°C
overtemperature turn-off
switching range to indicate
LW
VLE
3.25
V
a lamp as removed
switching range to indicate
LW
VLV
4.25
VCC
V
a lamp as applied
6
09/00
TFA3351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com