Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5534AP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SA5534AP
Description  LOW-NOISE OPERATIONAL AMPLIFIERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA5534AP Datasheet(HTML) 2 Page - Texas Instruments

  SA5534AP Datasheet HTML 1Page - Texas Instruments SA5534AP Datasheet HTML 2Page - Texas Instruments SA5534AP Datasheet HTML 3Page - Texas Instruments SA5534AP Datasheet HTML 4Page - Texas Instruments SA5534AP Datasheet HTML 5Page - Texas Instruments SA5534AP Datasheet HTML 6Page - Texas Instruments SA5534AP Datasheet HTML 7Page - Texas Instruments SA5534AP Datasheet HTML 8Page - Texas Instruments SA5534AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NE5534, NE5534A, SA5534. SA5534A
LOW NOISE OPERATIONAL AMPLIFIERS
SLOS070C − JULY 1979 − REVISED SEPTEMBER 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
ORDERING INFORMATION
TA
VIOmax
AT 25
°C
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (P)
Tube of 50
NE5534P
NE5534P
PDIP (P)
Tube of 50
NE5534AP
NE5534AP
Tube of 75
NE5534D
NE5534
0
°C to 70°C
4 mV
SOIC (D)
Reel of 2500
NE5534DR
NE5534
0 C to 70 C
4 mV
SOIC (D)
Tube of 75
NE5534AD
5534A
Reel of 2500
NE5534ADR
5534A
SOP (PS)
Reel of 2000
NE5534PSR
N5534
PDIP (P)
Tube of 50
SA5534P
SA5534P
PDIP (P)
Tube of 50
SA5534AP
SA5534AP
Tube of 75
SA5534D
SA5534
−40
°C to 85°C
4 mV
SOIC (D)
Reel of 2500
SA5534DR
SA5534
−40
°C to 85°C
4 mV
SOIC (D)
Tube of 75
SA5534AD
SA5534A
Reel of 2500
SA5534ADR
SA5534A
SOP (PS)
Tube of 80
SA553APS
SA5534
SOP (PS)
Reel of 2000
SA553APSR
SA5534
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available
at www.ti.com/sc/package.
schematic
VCC−
OUT
15
Ω
15
Ω
12 k
Ω
12 k
Ω
7 pF
12 pF
40 pF
100 pF
IN+
IN−
BALANCE
COMP
COMP/BAL
85
7
4
6
2
3
1
All component values shown are nominal.
VCC+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com