Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2N7002AL Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP2N7002AL
Description  60V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2N7002AL Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP2N7002AL Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2N7002AL Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2N7002AL Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2N7002AL Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2N7002AL Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2N7002AL Datasheet HTML 6Page - A POWER MICROELECTRONICS AP2N7002AL Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP2N7002AL
60V N-Channel Enhancement Mode MOSFET
AP2N7002AL REV1.0
永源微電子科技有限公司
Description
The AP2N7002AL uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS=60V ID =0.5A
RDS(ON) < 1600mΩ @ VGS=10V
(Type:1100mΩ)
ESD Rating:HBM≥2200V
Application
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP2N7002AL
SOT323-3L
72K
3000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
60
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
0.5
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
0.13
A
IDM
Pulsed Drain Current2
1.5
A
EAS
Single Pulse Avalanche Energy3
1
mJ
PD@TC=25℃
Total Power Dissipation4
350
mW
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-ambient 1
128
℃
/W
RθJC
Thermal Resistance Junction-Case1
15
℃
/W


Similar Part No. - AP2N7002AL

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP2N7002AI APME-AP2N7002AI Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode MOSFET
AP2N7002AJ APME-AP2N7002AJ Datasheet
797Kb / 7P
60V N-Channel Enhancement Mode MOSFET
REV1.0
AP2N7002AK APME-AP2N7002AK Datasheet
592Kb / 7P
60V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP2N7002AL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
60V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com